Electronic Components Datasheet Search
  English  ▼

X  

MAX9879 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX9879
Description  Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9879 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX9879 Datasheet HTML 5Page - Analog Devices MAX9879 Datasheet HTML 6Page - Analog Devices MAX9879 Datasheet HTML 7Page - Analog Devices MAX9879 Datasheet HTML 8Page - Analog Devices MAX9879 Datasheet HTML 9Page - Analog Devices MAX9879 Datasheet HTML 10Page - Analog Devices MAX9879 Datasheet HTML 11Page - Analog Devices MAX9879 Datasheet HTML 12Page - Analog Devices MAX9879 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
MAX9879
Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
9
Maxim Integrated
Typical Operating Characteristics (continued)
(VDD = VPVDDL = VPVDDR = 3.7V, VCCIO = 1.8V, VGND = VPGNDL = VPGNDR = 0. Single-ended inputs, preamp = 0dB, volume con-
trols = 0dB, BYPASS = 0, SHDN = 1. Speaker loads connected between OUT_+ and OUT_-. Headphone loads connected from HPL
or HPR to GND. RSPK = ∞, RHP = ∞. C1 = C2 = CBIAS = 1µF. TA = +25°C, unless otherwise noted.)
SPEAKER AMPLIFIERS (Headphone Disabled)
THD+N vs. FREQUENCY SPEAKER
FREQUENCY (kHz)
1
0.1
10
1
0.1
10
0.01
0.01
100
PVDD_= 3.7V
RL = 8
Ω
OUTPUT POWER = 200mW
OUTPUT POWER = 600mW
THD+N vs. FREQUENCY SPEAKER
FREQUENCY (kHz)
1
0.1
10
1
0.1
10
0.01
0.01
100
PVDD_= 3.0V
RL = 8
Ω
OUTPUT POWER = 100mW
OUTPUT POWER = 400mW
THD+N vs. OUTPUT POWER
OUTPUT POWER (mW)
800
200
400
1
0.1
10
0.01
0
1000
600
PVDD_ = 3.7V
RL = 8
Ω
fIN = 6kHz
fIN = 1kHz
fIN = 20Hz
THD+N vs. OUTPUT POWER
OUTPUT POWER (mW)
200
500
600
1
0.1
10
0.01
0700
300
400
100
PVDD_ = 3.0V
RL = 8
Ω
fIN = 6kHz
fIN = 1kHz
fIN = 20Hz
EFFICIENCY vs. OUTPUT POWER
OUTPUT POWER (mW)
700
400
800
600
200
100
300
500
50
70
80
20
60
10
30
40
90
100
0
0
900
fIN = 1kHz, RL = 8
Ω
THD+N vs. OUTPUT POWER
OUTPUT POWER (mW)
600
1
0.1
10
0.01
0
1000
800
200
400
PVDD_ = 3.7V
RL = 8
Ω
LEFT SPEAKER ONLY
fIN = 6kHz
fIN = 1kHz
fIN = 20Hz
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOTAGE (V)
3.5
4.3
3.9
3.1
4.7
5.1
1000
1400
1600
400
1200
200
600
800
1800
2000
0
2.7
5.5
RL = 8
Ω
fIN = 1kHz
THD+N = 10%
THD+N = 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com