Electronic Components Datasheet Search
  English  ▼

X  

MAX9879 Datasheet(PDF) 6 Page - Analog Devices

Part # MAX9879
Description  Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9879 Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX9879 Datasheet HTML 2Page - Analog Devices MAX9879 Datasheet HTML 3Page - Analog Devices MAX9879 Datasheet HTML 4Page - Analog Devices MAX9879 Datasheet HTML 5Page - Analog Devices MAX9879 Datasheet HTML 6Page - Analog Devices MAX9879 Datasheet HTML 7Page - Analog Devices MAX9879 Datasheet HTML 8Page - Analog Devices MAX9879 Datasheet HTML 9Page - Analog Devices MAX9879 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MAX9879
Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
6
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VPVDDL = VPVDDR = 3.7V, VCCIO = 1.8V, VGND = VPGNDL = VPGNDR = 0. Single-ended inputs, preamp = 0, volume controls =
0dB, BYPASS = 0, SHDN = 1. Speaker loads connected between OUT_+ and OUT_-. Headphone loads connected from HPL or HPR to
GND. RSPK = ∞, RHP = ∞. C1 = C2 = CBIAS = 1µF. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage High (SHDN)
VIH
1.4
V
Input Voltage Low (SHDN)
VIL
0.4
V
Input Hysteresis (SHDN)
VHYS
100
mV
SDA, SCL, SHDN Input
Capacitance
CIN
10
pF
Input Leakage Current
IIN
SDA, SCL, SHDN, TA = +25°C
±1.0
µA
Input Leakage Current
IIN
VCCIO = 0, TA = +25°C
±1.0
µA
DIGITAL OUTPUTS (SDA open drain)
Output Low-Voltage SDA
VOL
ISINK = 3mA
0.4
V
Output High-Voltage SDA
VOH
ISINK = 3mA
VCCIO -
0.4
V
Output Fall Time SDA
tOF
VH(MIN) to VL(MAX) bus capacitance
= 10pF to 400pF, ISINK = 3mA
250
ns
2-WIRE INTERFACE TIMING
External Pullup Voltage Range
(SDA and SCL)
1.7
3.6
V
Serial-Clock Frequency
fSCL
DC
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
START Condition Hold
tHD:STA
0.6
µs
START Condition Setup Time
tSU:STA
0.6
µs
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Data Setup Time
tSU:DAT
100
ns
Data Hold Time
tHD:DAT
0
900
ns
SCL/SDA Receiving Rise Time
tR
(Note 6)
20 +
0.1 x CB
300
ns
SCL/SDA Receiving Fall Time
tF
20 +
0.1 x CB
300
ns
VCCIO =1.8V (Note 6)
20 +
0.1 x CB
250
SDA Transmitting Fall Time
tF
VCCIO = 3.6V (Note 6)
20 +
0.05 x CB
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com