Electronic Components Datasheet Search
  English  ▼

X  

MAX9879 Datasheet(PDF) 29 Page - Analog Devices

Part # MAX9879
Description  Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9879 Datasheet(HTML) 29 Page - Analog Devices

Back Button MAX9879 Datasheet HTML 24Page - Analog Devices MAX9879 Datasheet HTML 25Page - Analog Devices MAX9879 Datasheet HTML 26Page - Analog Devices MAX9879 Datasheet HTML 27Page - Analog Devices MAX9879 Datasheet HTML 28Page - Analog Devices MAX9879 Datasheet HTML 29Page - Analog Devices MAX9879 Datasheet HTML 30Page - Analog Devices MAX9879 Datasheet HTML 31Page - Analog Devices MAX9879 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
MAX9879
Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
29
Maxim Integrated
RF Susceptibility
GSM radios transmit using time-division multiple access
(TDMA) with 217Hz intervals. The result is an RF signal
with strong amplitude modulation at 217Hz that is easily
demodulated by audio amplifiers. Figure 14 shows the
susceptibility of the MAX9879 to a transmitting GSM
radio placed in close proximity. Although there is mea-
surable noise at 217Hz and its harmonics, the noise is
well below the threshold of hearing using typical head-
phones.
In RF applications, improvements to both layout and
component selection decreases the MAX9879’s sus-
ceptibility to RF noise and prevent RF signals from
being demodulated into audible noise. Trace lengths
should be kept below 1/4 the wavelength of the RF fre-
quency of interest. Minimizing the trace lengths pre-
vents them from functioning as antennas and coupling
RF signals into the MAX9879. The wavelength
λ in
meters is given by:
λ = c/f
where c = 3 x 108 m/s, and f = the RF frequency of
interest.
Route audio signals on middle layers of the PCB to
allow ground planes above and below shield them from
RF interference. Ideally the top and bottom layers of the
PCB should primarily be ground planes to create effec-
tive shielding.
Additional RF immunity can also be obtained from rely-
ing on the self-resonant frequency of capacitors as it
exhibits the frequency response similar to a notch filter.
Depending on the manufacturer, 10pF to 20pF capaci-
tors typically exhibit self resonance at RF frequencies.
These capacitors, when placed at the input pins, can
effectively shunt the RF noise at the inputs of the
MAX9879. For these capacitors to be effective, they
must have a low-impedance, low-inductance path to
the ground plane. Do not use microvias to connect to
the ground plane as these vias do not conduct well at
RF frequencies.
UCSP Applications Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, PCB techniques,
bump-pad layout, and recommended reflow tempera-
ture profile, as well as the latest information on reliability
testing results, refer to the Application Note 1891:
Understanding the Basics of the Wafer-Level Chip-
Scale Package (WL-CSP) on Maxim’s website at
www.maxim-ic.com/ucsp. See Figure 15 for the rec-
ommended PCB footprint for the MAX9879.
250
μm
45
±5μm
Figure 15. PCB Footprint Recommendation Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com