Electronic Components Datasheet Search
  English  ▼

X  

MAX9879 Datasheet(PDF) 22 Page - Analog Devices

Part # MAX9879
Description  Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9879 Datasheet(HTML) 22 Page - Analog Devices

Back Button MAX9879 Datasheet HTML 18Page - Analog Devices MAX9879 Datasheet HTML 19Page - Analog Devices MAX9879 Datasheet HTML 20Page - Analog Devices MAX9879 Datasheet HTML 21Page - Analog Devices MAX9879 Datasheet HTML 22Page - Analog Devices MAX9879 Datasheet HTML 23Page - Analog Devices MAX9879 Datasheet HTML 24Page - Analog Devices MAX9879 Datasheet HTML 25Page - Analog Devices MAX9879 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MAX9879
Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
22
Maxim Integrated
I2C Register Description
Zero-Crossing Detection (ZCD)
Zero-crossing detection limits distortion in the output
signal during volume transitions by delaying the transi-
tion until the mixer output crosses the internal bias volt-
age. A timeout period (typically 60ms) forces the
volume transition if the mixer output signal does not
cross the bias voltage.
1 = Zero-crossing detection is enabled.
0 = Zero-crossing detection is disabled.
Differential Input Configuration (
ΔIN_)
The inputs INA_ and INB_ can be configured for mono
differential or stereo single-ended operation.
1 = IN_ is configured as a mono differential input with
IN_2 as the positive and IN_1 as the negative input.
0 = IN_ is configured as a stereo single-ended input
with IN_2 as the right and IN_1 as the left input.
Preamplifier Gain (PGAIN_)
The preamplifier gain of INA_ and INB_ can be pro-
grammed by writing to PGAIN_.
00 = 0dB
01 = +5.5dB
10 = +20dB
11 = Reserved
I2C Address
The slave address of the MAX9879 is 1001101R/(W)
(write: 0x9A, read: 0x9B).
Table 1. Register Map
REGISTER
REGISTER
ADDRESS
POR STATE
B7
B6
B5
B4
B3
B2
B1
B0
Input Mode
Control
0x00
0x40
0
ZCD
ΔINA
ΔINB
PGAINA
PGAINB
Speaker
Volume
Control
0x01
0x00
0
0
0
SPKVOL
Left
Headphone
Volume
Control
0x02
0x00
0
0
0
HPLVOL
Right
Headphone
Volume
Control
0x03
0x00
0
0
0
HPRVOL
Output Mode
Control
0x04
0x49
SHDN
BYPASS
0
ENB
ENA
LSPK
EN
RSPK
EN
HPEN
Table 2. Input Mode Control Register
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
0x00
0
ZCD
ΔINA
ΔINB
PGAINA
PGAINB
I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com