Electronic Components Datasheet Search
  English  ▼

X  

MAX9879 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX9879
Description  Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9879 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX9879 Datasheet HTML 8Page - Analog Devices MAX9879 Datasheet HTML 9Page - Analog Devices MAX9879 Datasheet HTML 10Page - Analog Devices MAX9879 Datasheet HTML 11Page - Analog Devices MAX9879 Datasheet HTML 12Page - Analog Devices MAX9879 Datasheet HTML 13Page - Analog Devices MAX9879 Datasheet HTML 14Page - Analog Devices MAX9879 Datasheet HTML 15Page - Analog Devices MAX9879 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MAX9879
Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
12
Maxim Integrated
Typical Operating Characteristics (continued)
(VDD = VPVDDL = VPVDDR = 3.7V, VCCIO = 1.8V, VGND = VPGNDL = VPGNDR = 0. Single-ended inputs, preamp = 0dB, volume con-
trols = 0dB, BYPASS = 0, SHDN = 1. Speaker loads connected between OUT_+ and OUT_-. Headphone loads connected from HPL
or HPR to GND. RSPK = ∞, RHP = ∞. C1 = C2 = CBIAS = 1µF. TA = +25°C, unless otherwise noted.)
HEADPHONE AMPLIFIERS (Speaker Disabled)
TOTAL HARMONIC DISTORTION + NOISE
vs. OUTPUT POWER (HEADPHONE MODE)
OUTPUT POWER (mW)
10
0.1
10
0.01
100
0.001
0.1
1
100
VDD = 3.7V
RL = 32
Ω
RL = 16
Ω
POWER DISSIPATION vs. OUTPUT POWER
(HEADPHONE MODE)
TOTAL OUTPUT POWER (mW)
10
200
225
175
250
100
125
75
50
25
150
0
0
1
100
VDD = 3.0V
RL = 16
Ω
RL = 32
Ω
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.9
4.3
4.7
5.1
60
75
50
80
20
30
10
40
0
2.7
3.1
5.5
THD+N = 10%
THD+N = 10%
RL = 32
Ω
fIN = 1kHz
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOTAGE (V)
3.1
140
120
160
80
60
40
20
100
0
2.7
3.5
4.3
3.9
5.1
4.7
5.5
THD+N = 10%
THD+N = 1%
RL = 16
Ω
fIN = 1kHz
OUTPUT POWER vs. LOAD RESISTANCE
(HEADPHONE MODE)
LOAD RESISTANCE (
Ω)
90
80
100
60
50
40
30
20
10
70
0
10
100
THD+N = 10%
THD+N = 1%
VDD = 3.3V
f = 1kHz
OUTPUT POWER vs. LOAD RESISTANCE
(HEADPHONE MODE)
LOAD RESISTANCE (
Ω)
90
80
100
50
30
20
10
70
0
10
100
C1 = C2 = 0.47
μF
f = 1kHz
THD+N = 1%
C1 = C2 = 1
μF
C1 = C2 = 2.2
μF
POWER SUPPLY REJECTION RATIO
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (kHz)
-10
-20
0
-40
-50
-60
-70
-80
-90
-30
-100
0.01
0.1
1
10
100
RIGHT
LEFT
VRIPPLE = 100mVP-P
INPUTS AC GROUNDED
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (HEADPHONE MODE)
FREQUENCY (kHz)
-20
-40
0
-80
-100
-120
-60
-140
015
20
510
VOUT = -60dB
f =1kHz
RL = 32
Ω
CROSSTALK vs. FREQUENCY
(HEADPHONE MODE)
FREQUENCY (Hz)
-10
-20
0
-40
-50
-60
-70
-30
-80
0.01
10
100
0.1
1
RL = 16
Ω
f = 1kHz
VIN = 1VP-P
LEFT TO RIGHT
RIGHT TO LEFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com