Electronic Components Datasheet Search
  English  ▼

X  

MAX9879 Datasheet(PDF) 28 Page - Analog Devices

Part # MAX9879
Description  Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9879 Datasheet(HTML) 28 Page - Analog Devices

Back Button MAX9879 Datasheet HTML 24Page - Analog Devices MAX9879 Datasheet HTML 25Page - Analog Devices MAX9879 Datasheet HTML 26Page - Analog Devices MAX9879 Datasheet HTML 27Page - Analog Devices MAX9879 Datasheet HTML 28Page - Analog Devices MAX9879 Datasheet HTML 29Page - Analog Devices MAX9879 Datasheet HTML 30Page - Analog Devices MAX9879 Datasheet HTML 31Page - Analog Devices MAX9879 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
MAX9879
Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
28
Maxim Integrated
actual speaker lead length. Select a capacitor less than
1nF based on EMI performance.
Input Capacitor
An input capacitor, CIN, in conjunction with the input
impedance of the MAX9879 forms a highpass filter that
removes the DC bias from an incoming signal. The AC-
coupling capacitor allows the amplifier to automatically
bias the signal to an optimum DC level. Assuming zero
source impedance, the -3dB point of the highpass filter
is given by:
Choose CIN so that f-3dB is well below the lowest fre-
quency of interest. Use capacitors whose dielectrics
have low-voltage coefficients, such as tantalum or alu-
minum electrolytic. Capacitors with high-voltage coeffi-
cients, such as ceramics, may result in increased
distortion at low frequencies.
BIAS Capacitor
BIAS is the output of the internally generated DC bias volt-
age. The BIAS bypass capacitor, CBIAS, reduces power
supply and other noise sources at the common-mode
bias node. Bypass BIAS with a 1µF capacitor to GND.
Charge-Pump Capacitor Selection
Use capacitors with an ESR less than 100m
Ω for optimum
performance. Low-ESR ceramic capacitors minimize the
output resistance of the charge pump. Most surface-
mount ceramic capacitors satisfy the ESR requirement.
For best performance over the extended temperature
range, select capacitors with an X7R dielectric.
Flying Capacitor (C1)
The value of the flying capacitor (C1) affects the output
resistance of the charge pump. A C1 value that is too
small degrades the device’s ability to provide sufficient
current drive, which leads to a loss of output voltage.
Increasing the value of C1 reduces the charge-pump out-
put resistance to an extent. Above 1µF, the on-resistance
of the switches and the ESR of C1 and C2 dominate.
Output Holding Capacitor (C2)
The output capacitor value and ESR directly affect the
ripple at VSS. Increasing the value of C2 reduces output
ripple. Likewise, decreasing the ESR of C2 reduces both
ripple and output resistance. Lower capacitance values
can be used in systems with low maximum output power
levels. See the
Output Power vs. Load Resistance graph
in the
Typical Operating Characteristics.
PVDD Bulk Capacitor (C3)
In addition to the recommended PVDD bypass capaci-
tance, bulk capacitance equal to C3 should be used.
Place the bulk capacitor as close as possible to the device.
Supply Bypassing,
Layout, and Grounding
Proper layout and grounding are essential for optimum
performance. Use wide traces for the power-supply
inputs and amplifier outputs to minimize losses due to
parasitic trace resistance. Wide traces also aid in mov-
ing heat away from the package. Proper grounding
improves audio performance, minimizes crosstalk
between channels, and prevents any switching noise
from coupling into the audio signal. Connect PGND and
GND together at a single point on the PCB. Route all
traces that carry switching transients away from GND
and the traces/components in the audio signal path.
Connect the PVDD_ pins to a 2.7V to 5.5V source.
Bypass PVDD_ to PGND pin with a 1µF ceramic capac-
itor. Additional bulk capacitance should be used to pre-
vent power supply pumping. Bypass PVDD_ to the
PGND pin with a 1µF ceramic capacitor. Additional
bulk capacitance should be used to prevent power-
supply pumping. Place the bypass capacitors as close
as possible to the MAX9879.
Connect VDD to PVDD_. Bypass VDD to GND with a
1µF capacitor. Place the bypass capacitors as close as
possible to the MAX9879.
f
RC
dB
IN IN
−
=
3
1
2
π
RF SUSCEPTIBILITY
FREQUENCY (Hz)
10k
1k
100
-130
-110
-90
-70
-50
-30
-10
-150
10
100k
THRESHOLD OF HEARING
MAX9879
NOISE FLOOR
Figure 14. MAX9879 Susceptibility to a GSM Cell Phone Radio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com