Electronic Components Datasheet Search
  English  ▼

X  

MAX40000 Datasheet(PDF) 6 Page - Analog Devices

Part # MAX40000
Description  1.7V, nanoPower Comparators with Built-In Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40000 Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX40000 Datasheet HTML 2Page - Analog Devices MAX40000 Datasheet HTML 3Page - Analog Devices MAX40000 Datasheet HTML 4Page - Analog Devices MAX40000 Datasheet HTML 5Page - Analog Devices MAX40000 Datasheet HTML 6Page - Analog Devices MAX40000 Datasheet HTML 7Page - Analog Devices MAX40000 Datasheet HTML 8Page - Analog Devices MAX40000 Datasheet HTML 9Page - Analog Devices MAX40000 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
e
E1
D1
b
SE
SD
0.05 M
S
AB
B
A
E
D
Pin 1
Ind ic a tor
Ma rking
see Note 7
A3
A2
A
A1
0.05 S
S
FRONTVIEW
TOP VIEW
BOTTOM VIEW
A
1
0.50
0.17
0.30
0.040
0.23
0.35
0.70
0.35
0.175
0.00
A
AAAA
SIDE VIEW
0.727
1.077
1
B
3
2
TITLE
DOCUMENTCONTROL NO.
REV.
1
1
APPROVAL
COMMON DIMENSIONS
A
A2
A1
A3
b
E1
D1
e
SD
SE
MAX
0.03
0.03
BASIC
REF
BASIC
NOTES:
1. Termina l p itc h is d efined b y termina l c enter to c enter va lue.
2. Outer d imension is d efined b y c enter lines b etween sc rib e lines.
3. All d imensions in millimeter.
4. Ma rking shown is for p a c ka g e orienta tion referenc e only.
5. Tolera nc e is ± 0.02 unless sp ec ified otherwise.
6. All d imensions a p p ly to Pb Free (+) p a c ka g e c od es only.
7. Front - sid e finish c a n b e either Bla c k or Clea r.
BASIC
BASIC
- DRAWING NOTTO SCALE -
C
BASIC
BASIC
maxim
integrated TM
21-100086
PACKAGE OUTLINE 6 BUMPS
THIN WLP PKG. 0.35 mm PITCH,
N60D1+1
D
0.025
0.025
E
DEPOPULATED BUMPS:
NONE
6 SOT23
Package Code
U6+1
Outline Number
21-0058
Land Pattern Number
90-0175
THERMAL RESISTANCE, FOUR-LAYER BOARD
Junction to Ambient (θJA)
230°C/W
Junction to Case (θJC)
76°C/W
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages.
Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different
suffix character, but the drawing pertains to the package regardless of RoHS status.
Note:
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/
thermal-tutorial.
MAX40000/MAX40001
1.7V, nanoPower Comparators with Built-In
Reference
www.maximintegrated.com
Maxim Integrated | 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com