Electronic Components Datasheet Search
  English  ▼

X  

MAX40000 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX40000
Description  1.7V, nanoPower Comparators with Built-In Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40000 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX40000 Datasheet HTML 7Page - Analog Devices MAX40000 Datasheet HTML 8Page - Analog Devices MAX40000 Datasheet HTML 9Page - Analog Devices MAX40000 Datasheet HTML 10Page - Analog Devices MAX40000 Datasheet HTML 11Page - Analog Devices MAX40000 Datasheet HTML 12Page - Analog Devices MAX40000 Datasheet HTML 13Page - Analog Devices MAX40000 Datasheet HTML 14Page - Analog Devices MAX40000 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Electrical Characteristics (continued)
(VDD = 3.3V, VCM = 0V, RPULLUP = 100kΩ from OUT to VPULLUP = 3.3V (for MAX40001 only), TA = TMIN to TMAX. Typical values are
at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Current
0.1
µA
Voltage Noise
0.1Hz to 10Hz
82
µVP-P
Voltage Noise Density
CREF = 1nF, 10Hz to 6kHz
2.19
µV/√Hz
Capacitive Load Stability
100
pF
Note 1: All specifications are 100% production tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are
guaranteed by design, not production tested.
Note 2: Input offset voltage; VOS is defined as the center of the hysteresis band or average of the threshold trip points.
Note 3: The hysteresis-related trip points are defined as the edges of the hysteresis band, measured with respect to the center of the
band (i.e., VOS) (Figure 1).
Note 4: Guaranteed by design and characterization.
Note 5: Specified with an input overdrive (VOVERDRIVE) of 100mV and 20mV, and load capacitance of CL = 15pF. VOVERDRIVE is
defined above the offset voltage and hysteresis of the comparator input. For the MAX40000/MAX40001, reference voltage
error should also be added.
MAX40000/MAX40001
1.7V, nanoPower Comparators with Built-In
Reference
www.maximintegrated.com
Maxim Integrated | 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com