Electronic Components Datasheet Search
  English  ▼

X  

MAX40000 Datasheet(PDF) 18 Page - Analog Devices

Part # MAX40000
Description  1.7V, nanoPower Comparators with Built-In Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40000 Datasheet(HTML) 18 Page - Analog Devices

Back Button MAX40000 Datasheet HTML 13Page - Analog Devices MAX40000 Datasheet HTML 14Page - Analog Devices MAX40000 Datasheet HTML 15Page - Analog Devices MAX40000 Datasheet HTML 16Page - Analog Devices MAX40000 Datasheet HTML 17Page - Analog Devices MAX40000 Datasheet HTML 18Page - Analog Devices MAX40000 Datasheet HTML 19Page - Analog Devices MAX40000 Datasheet HTML 20Page - Analog Devices MAX40000 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Applications Information
Battery-Powered Operation
The MAX40000 and MAX40001 are ideally suited for use with most battery-powered systems. Table 1 lists Alkaline and
Lithium-Ion batteries with capacities and approximate operating times for MAX40000 and MAX40001, assuming nominal
conditions.
Internal Hysteresis
Many comparators oscillate in the linear region of operation because of noise or undesired parasitic feedback. This tends
to occur when the voltage on one input is equal or very close to the voltage on the other input. The MAX40000/MAX40001
have internal 2.5mV hysteresis to counter parasitic effects and noise.
The hysteresis in a comparator creates two trip points: one for upper threshold (VTRIP+) and one for lower threshold
(VTRIP-) for voltage transitions on the input signal (Figure 1). The difference between the trip points is the hysteresis
band (VHYS). When the comparator’s input voltages are equal, the hysteresis effectively causes one comparator input
to move quickly past the other, thus taking the input out of the region where oscillation occurs. Figure 1 illustrates the
case in which IM has a fixed voltage applied, and IP is varied. If the inputs were reversed, the figure would be the same,
except with an inverted output.
Adding External Hysteresis
In applications requiring more than the internal 2.5mV hysteresis of the devices, additional hysteresis can be added with
two external resistors. Since these comparators are intended to use in very low-power systems, care must be taken to
minimize power dissipation in the additional circuitry.
Regardless of which approach is employed to add external hysteresis, the external hysteresis will be VDD dependent.
Over the full discharge range of battery-powered systems, the hysteresis can change as much as 40%. Figure 2 shown
below is simplest circuit for adding external hysteresis. In this example, the hysteresis is defined by:
Hysteresis =
RG
RF
× VDD
Where RG is the source resistance and RF is the feedback resistance. Because the comparison threshold is 1/2 VDD,
the MAX40000 was chosen for its push-pull output and lack of reference. This provides symmetrical hysteresis around
the threshold.
IP
IM
VOS = (VTRIP+ + VTRIP-)/2
VTRIP+
VTRIP-
VHYS
VOH
VOL
OUT
Figure 1. Hysteresis Band
MAX40000/MAX40001
1.7V, nanoPower Comparators with Built-In
Reference
www.maximintegrated.com
Maxim Integrated | 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com