Electronic Components Datasheet Search
  English  ▼

X  

MAX40000 Datasheet(PDF) 10 Page - Analog Devices

Part # MAX40000
Description  1.7V, nanoPower Comparators with Built-In Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40000 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX40000 Datasheet HTML 6Page - Analog Devices MAX40000 Datasheet HTML 7Page - Analog Devices MAX40000 Datasheet HTML 8Page - Analog Devices MAX40000 Datasheet HTML 9Page - Analog Devices MAX40000 Datasheet HTML 10Page - Analog Devices MAX40000 Datasheet HTML 11Page - Analog Devices MAX40000 Datasheet HTML 12Page - Analog Devices MAX40000 Datasheet HTML 13Page - Analog Devices MAX40000 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical Characteristics (continued)
(VDD = 3.3V, VCM = 0V, RPULLUP = 100kΩ from OUT to VPULLUP = 3.3V (for MAX40001 only), TA = TMIN to TMAX. Typical values are
at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay
tPD
100mV overdrive
(Note 5)
Output L->H,
MAX40000
9.6
µs
Output L->H,
MAX40001, 100kΩ
14
Output H->L,
MAX40000
3.2
20mV overdrive
(Note 5)
Output L->H,
MAX40000
9.9
Output L->H,
MAX40001,
100kΩ
14.8
Output H->L,
MAX40000
5.2
Rise Time
tR
Push-pull output stage. 25% to 75%
300
ns
Fall Time
tF
25% to 75%
52
ns
INTERNAL REFERENCE VOLTAGE
Reference Voltage
VREF
TA = +25°C
MAX40000ANT12+
T
1.2395
1.252
1.2645
V
MAX4000_ _ _
_16+
1.66
MAX4000_ _ _
_19+
1.94
MAX4000_ _ _
_22+
2.22
TA = -40°C to
+85°C
MAX4000_ _ _
_12+
1.252
MAX4000_ _ _
_16+
1.66
MAX4000_ _ _
_19+
1.94
MAX4000_ _ _
_22+
2.22
TA = -40°C to
+125°C
MAX40000ANT12+
T
1.2207
1.252
1.2833
MAX4000_ _ _
_16+
1.66
MAX4000_ _ _
_19+
1.94
MAX4000_ _ _
_22+
2.22
Reference Thermal Drift
VREF-
TEMPCO
Over extended temperature range,
TA = -40°C to +125°C
15
ppm/°C
Line Regulation
1200
ppm/V
Load Regulation
IVREFOUT = ±100nA
0.01
mV/nA
MAX40000/MAX40001
1.7V, nanoPower Comparators with Built-In
Reference
www.maximintegrated.com
Maxim Integrated | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com