Electronic Components Datasheet Search
  English  ▼

X  

MAX40000 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX40000
Description  1.7V, nanoPower Comparators with Built-In Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40000 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX40000 Datasheet HTML 4Page - Analog Devices MAX40000 Datasheet HTML 5Page - Analog Devices MAX40000 Datasheet HTML 6Page - Analog Devices MAX40000 Datasheet HTML 7Page - Analog Devices MAX40000 Datasheet HTML 8Page - Analog Devices MAX40000 Datasheet HTML 9Page - Analog Devices MAX40000 Datasheet HTML 10Page - Analog Devices MAX40000 Datasheet HTML 11Page - Analog Devices MAX40000 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
maxim
integrated
TM
Electrical Characteristics
(VDD = 3.3V, VCM = 0V, RPULLUP = 100kΩ from OUT to VPULLUP = 3.3V (for MAX40001 only), TA = TMIN to TMAX. Typical values are
at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY VOLTAGE
VDD Supply Voltage
Range
VDD
VREF < 1.8V, guaranteed by PSRR
specification
1.7
5.5
V
VREF > 1.8V, guaranteed by PSRR
specification
VREF +
0.1
5.5
VDD Supply Current
IDD
No output or reference load current, TA =
-40°C to +125°C
0.9
1.7
µA
Power-Up Time
5
µs
MAX40000/MAX40001
1.7V, nanoPower Comparators with Built-In
Reference
www.maximintegrated.com
Maxim Integrated | 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com