Electronic Components Datasheet Search
  English  ▼

X  

MAX40000 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX40000
Description  1.7V, nanoPower Comparators with Built-In Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40000 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX40000 Datasheet HTML 5Page - Analog Devices MAX40000 Datasheet HTML 6Page - Analog Devices MAX40000 Datasheet HTML 7Page - Analog Devices MAX40000 Datasheet HTML 8Page - Analog Devices MAX40000 Datasheet HTML 9Page - Analog Devices MAX40000 Datasheet HTML 10Page - Analog Devices MAX40000 Datasheet HTML 11Page - Analog Devices MAX40000 Datasheet HTML 12Page - Analog Devices MAX40000 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Electrical Characteristics (continued)
(VDD = 3.3V, VCM = 0V, RPULLUP = 100kΩ from OUT to VPULLUP = 3.3V (for MAX40001 only), TA = TMIN to TMAX. Typical values are
at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COMPARATOR
Input Common-Mode
Voltage Range
VCM
TA = +25°C
-0.2
VDD +
0.2
V
TA = -40°C to +125°C
0
VDD
Input Offset Voltage
VOS
Note 2
VCM = 0V to VDD
-1V
8
mV
VCM = VDD -1V to
VDD, TA = 0°C to
+85°C
10
VCM = VDD -1V to
VDD, TA = -40°C to
+125°C
14
Input Offset Drift
27
µV/°C
Input Hysteresis
VHYS
Note 3
2.5
mV
Input Bias Current
Note 4
VCM = -0.2V to
VDD +0.2V, TA =
+25°C
1
5
nA
VCM = 0V to VDD,
TA = -40°C to
+85°C
1
5
VCM = 0.2V to
VDD, TA = -40°C to
+125°C
1
5
Input Offset Current
Note 4
5
nA
Input Capacitance
Either input, over VCM range
1.5
pF
Power Supply Rejection
Ratio
PSRR
DC, over the entire common-mode input
voltage range
60
dB
Common-Mode
Rejection Ratio
CMRR
DC, over the entire common-mode input
voltage range
46
dB
Output Voltage Swing
Low
VOL
Sinking 2mA output current, VOUT -
VGND
0.4
V
Output Voltage Swing
High
VOH
Sourcing 2mA output current,
VDD - VOUT
0.4
V
Output Leakage Current
IO-LKG
Open-drain only (MAX40001), VDD =
1.8V, VO = 5.5V, TA = -40°C to +125°C
100
nA
MAX40000/MAX40001
1.7V, nanoPower Comparators with Built-In
Reference
www.maximintegrated.com
Maxim Integrated | 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com