Electronic Components Datasheet Search
  English  ▼

X  

MAX40000 Datasheet(PDF) 19 Page - Analog Devices

Part # MAX40000
Description  1.7V, nanoPower Comparators with Built-In Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40000 Datasheet(HTML) 19 Page - Analog Devices

Back Button MAX40000 Datasheet HTML 13Page - Analog Devices MAX40000 Datasheet HTML 14Page - Analog Devices MAX40000 Datasheet HTML 15Page - Analog Devices MAX40000 Datasheet HTML 16Page - Analog Devices MAX40000 Datasheet HTML 17Page - Analog Devices MAX40000 Datasheet HTML 18Page - Analog Devices MAX40000 Datasheet HTML 19Page - Analog Devices MAX40000 Datasheet HTML 20Page - Analog Devices MAX40000 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Table 1. Battery Applications Using MAX40000 and MAX40001
BATTERY TYPE
RECHARGEABLE
VINITIAL
(V)
VEND-OF-
LIFE
(V)
CAPACITY,
AA
SIZE (mAh)
MAX40000/MAX40001 OPERATING TIME
(hr)
Alkaline (2 Cells)
No
3.0
1.8
2000
1.8 x 106
Lithium-Ion (1
Cell)
Yes
3.5
2.7
1000
0.9 x 106
Output Considerations
In most cases, the push-pull output of MAX40000 is best for external hysteresis. The open-drain output of the MAX40001
can be used, but the effect of the feedback network and pullup resistor on the actual output high voltage must be
considered.
Component Selection
Because the MAX40000/MAX40001 are intended for very low power-supply systems, the highest impedance circuits
should be used wherever possible. The offset error due to input-bias current is proportional to the total impedance seen
at the input. For example, selecting components for Figure 2, with a target of 50mV hysteresis, a 5V supply, and choosing
an RF of 10MΩ gives RG as 100kΩ. The total impedance seen at IN+ is therefore 10MΩ || 100kΩ, or 99kΩ. The maximum
input bias current of MAX40000/MAX40001 is 1nA; therefore, the error due to source impedance is less than 100μV.
Board Layout and Bypassing
Power-supply bypass capacitors are not typically needed, but use 100nF bypass capacitors close to the device’s supply
pins when supply impedance is high, supply leads are long, or excessive noise is expected on the supply lines. Minimize
signal trace lengths to reduce stray capacitance. A ground plane and surface-mount components are recommended. If
the REF pin is decoupled, use a new low-leakage capacitor.
Logic-Level Translator
The Typical Application Circuit shows an application that converts 5V logic to 3V logic levels. The MAX40001 is powered
by the +5V supply voltage to VDD, and the pullup resistor for the MAX40001’s open-drain output is connected to the +3V
supply voltage. This configuration allows the full 5V logic swing without creating overvoltage on the 3V logic inputs. For
3V to 5V logic-level translations, simply connect the +3V supply voltage to VDD and the +5V supply voltage to the pullup
resistor.
VDD
VDD/2
MAX40000
VIN+
RG
RF
Figure 2. External Hysteresis on MAX40000
MAX40000/MAX40001
1.7V, nanoPower Comparators with Built-In
Reference
www.maximintegrated.com
Maxim Integrated | 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com