Electronic Components Datasheet Search
  English  ▼

X  

MAX40000 Datasheet(PDF) 20 Page - Analog Devices

Part # MAX40000
Description  1.7V, nanoPower Comparators with Built-In Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40000 Datasheet(HTML) 20 Page - Analog Devices

Back Button MAX40000 Datasheet HTML 13Page - Analog Devices MAX40000 Datasheet HTML 14Page - Analog Devices MAX40000 Datasheet HTML 15Page - Analog Devices MAX40000 Datasheet HTML 16Page - Analog Devices MAX40000 Datasheet HTML 17Page - Analog Devices MAX40000 Datasheet HTML 18Page - Analog Devices MAX40000 Datasheet HTML 19Page - Analog Devices MAX40000 Datasheet HTML 20Page - Analog Devices MAX40000 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Typical Application Circuit
IP
OUT
IM
VDD
GND
MAX40001
VPULL = 3V
1.7V TO 5.5V
5V (3V) LOGIC IN
100kΩ
100kΩ
100kΩ
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP MARK
MAX40000ANT12+T
-40°C to +125°C
6 WLP
+N
MAX40000ANT16+T*
-40°C to +125°C
6 WLP
+O
MAX40000ANT19+T*
-40°C to +125°C
6 WLP
+P
MAX40000ANT22+T*
-40°C to +125°C
6 WLP
+Q
MAX40000AUT12+T
-40°C to +125°C
6 SOT23
–
MAX40000AUT16+T*
-40°C to +125°C
6 SOT23
–
MAX40000AUT19+T*
-40°C to +125°C
6 SOT23
–
MAX40000AUT22+T*
-40°C to +125°C
6 SOT23
–
MAX40001ANT12+T
-40°C to +125°C
6 WLP
+R
MAX40001ANT16+T*
-40°C to +125°C
6 WLP
+S
MAX40001ANT19+T*
-40°C to +125°C
6 WLP
+T
MAX40001ANT22+T
-40°C to +125°C
6 WLP
+U
MAX40001AUT12+T
-40°C to +125°C
6 SOT23
–
MAX40001AUT16+T*
-40°C to +125°C
6 SOT23
–
MAX40001AUT19+T*
-40°C to +125°C
6 SOT23
–
MAX40001AUT22+T
-40°C to +125°C
6 SOT23
–
+Denotes a lead (Pb)-free/RoHS-compliant package.
T = Tape and reel.
For example, the MAX40000ANT12+T has an onboard 1.2V reference voltage.
Devices without “_ _” use external reference voltage as supply voltage.
*Future product—contact factory for availability.
MAX40000/MAX40001
1.7V, nanoPower Comparators with Built-In
Reference
www.maximintegrated.com
Maxim Integrated | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com