Electronic Components Datasheet Search
  English  ▼

X  

MAX40000 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX40000
Description  1.7V, nanoPower Comparators with Built-In Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40000 Datasheet(HTML) 1 Page - Analog Devices

  MAX40000 Datasheet HTML 1Page - Analog Devices MAX40000 Datasheet HTML 2Page - Analog Devices MAX40000 Datasheet HTML 3Page - Analog Devices MAX40000 Datasheet HTML 4Page - Analog Devices MAX40000 Datasheet HTML 5Page - Analog Devices MAX40000 Datasheet HTML 6Page - Analog Devices MAX40000 Datasheet HTML 7Page - Analog Devices MAX40000 Datasheet HTML 8Page - Analog Devices MAX40000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The MAX40000/MAX40001 are tiny, single comparators
with built-in voltage references that are ideal for a wide
variety of portable electronics applications, such as cell
phones, portable instruments, and notebooks that have
extremely tight board space and power constraints. The
MAX40000/MAX40001 are available in a 6-bump wafer-
level package (WLP) with 1.11mm x 0.76mm footprint and
a 6-pin SOT23 package. The MAX40000 has a push-pull
output and the MAX40001 has an open-drain output.
The devices offer a supply voltage range from 1.7V to
5.5V and consume only 0.9μA of supply current. They also
feature internal filtering to provide high RF immunity, im-
portant in many portable applications.
The devices have a high-precision integrated reference
that is factory trimmed to an initial accuracy of 1% and bet-
ter than 2.5% over the entire temperature range. Internal
reference voltage options include 1.252V, 1.66V, 1.94V,
and 2.22V. See Ordering Information for help with order-
ing a MAX40000/MAX40001 with a particular voltage ref-
erence value and package type. The reference output is
stable for capacitive loads up to 100pF.
These devices are fully specified over -40°C to +125°C
automotive temperature range.
Applications
● Cell Phones
● Tablets and Consumer Accessories
● Notebook Computers
● Electronic Toys
● Portable Medical Instruments/Wearables
● Level Detectors
Benefits and Features
● Micropower Operating Current (0.9μA typ, 1.7μA max)
Preserves Battery Power
● Tiny 1.11mm x 0.76mm 6-Bump WLP and SOT23
Packages Save Board Space
● Internal Precision Reference Saves Space and Cost
of an External Reference
• < 1% at Room Temperature, < 2.5% Over Temp
Reference
• Multiple Reference Voltages (1.252V, 1.66V, 1.94V,
and 2.22V)
● Input Voltage Range = -0.2V to 5.7V
● Supply Voltage Range (1.7V to 5.5V) Allows
Operation from 1.8V, 2.5V, 3V, and 5V Supplies
● <10μs Propagation Delay
● Push-Pull (MAX40000) or Open-Drain (MAX40001)
Outputs
Ordering Information appears at end of data sheet.
Simplified Block Diagram
MAX40000
MAX40001
RF
GND
IP
OP
IM
VDD
REF
Click here to ask about the production status of specific part numbers.
MAX40000/MAX40001
1.7V, nanoPower Comparators with Built-In
Reference
19-8610; Rev 6; 5/21


Similar Part No. - MAX40000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
MAX40000 MAXIM-MAX40000 Datasheet
1Mb / 7P
-0.2V to VDD 0.2 Input Voltage Range
Rev 2; 6/17
MAX40000ANT12+T MAXIM-MAX40000ANT12+T Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
MAX40000ANT16+T* MAXIM-MAX40000ANT16+T* Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
MAX40000ANT19+T* MAXIM-MAX40000ANT19+T* Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
More results

Similar Description - MAX40000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP_14 Datasheet
853Kb / 19P
NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX40000 MAXIM-MAX40000 Datasheet
955Kb / 14P
1.7V, 0.9μA Comparators with Built-in Reference
Rev 0; 1/17
MAX49017 MAXIM-MAX49017 Datasheet
735Kb / 18P
1.7V, Dual microPower Comparator with Built-In Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com