Electronic Components Datasheet Search
  English  ▼

X  

TPS37-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS37-Q1
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS37-Q1 Datasheet HTML 12Page - Texas Instruments TPS37-Q1 Datasheet HTML 13Page - Texas Instruments TPS37-Q1 Datasheet HTML 14Page - Texas Instruments TPS37-Q1 Datasheet HTML 15Page - Texas Instruments TPS37-Q1 Datasheet HTML 16Page - Texas Instruments TPS37-Q1 Datasheet HTML 17Page - Texas Instruments TPS37-Q1 Datasheet HTML 18Page - Texas Instruments TPS37-Q1 Datasheet HTML 19Page - Texas Instruments TPS37-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
7.8 Typical Characteristics (continued)
Typical characteristics show the typical performance of the TPS37-Q1 device. Test conditions are TA = 25°C, RPU = 100 kΩ,
CLoad = 50 pF, unless otherwise noted.
CCTR_EXT (F)
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
1000
10000
20000
25oC
Figure 7-22. TCTR vs CCTR
Figure 7-23. TCTS vs CCTS
TPS37-Q1
SNVSBD9E – AUGUST 2020 – REVISED AUGUST 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com