Electronic Components Datasheet Search
  English  ▼

X  

TPS37-Q1 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPS37-Q1
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37-Q1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS37-Q1 Datasheet HTML 28Page - Texas Instruments TPS37-Q1 Datasheet HTML 29Page - Texas Instruments TPS37-Q1 Datasheet HTML 30Page - Texas Instruments TPS37-Q1 Datasheet HTML 31Page - Texas Instruments TPS37-Q1 Datasheet HTML 32Page - Texas Instruments TPS37-Q1 Datasheet HTML 33Page - Texas Instruments TPS37-Q1 Datasheet HTML 34Page - Texas Instruments TPS37-Q1 Datasheet HTML 35Page - Texas Instruments TPS37-Q1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
• Do not have high voltage metal pads or traces closer than 20 mils (0.5 mm) to the low voltage metal pads or
traces.
10.5.2 Layout Example
The DSK layout example in Figure 10-5 shows how the TPS37-Q1 is laid out on a printed circuit board (PCB)
with user-defined delays.
Monitored Voltage
Overvoltage Flag
CVDD
2
9
3
8
7
5
6
10
GND
RPU2
1
VDD
RPU1
Undervoltage Flag
TPS37-Q1
Monitored Voltage
V
PULL-UP
V
PULL-UP
4
GND
Vias used to connect pins for application-specific connections
CSENSE1
CSENSE2
DSK Package
Figure 10-5. TPS37-Q1 DSK Package Recommended Layout
TPS37-Q1
SNVSBD9E – AUGUST 2020 – REVISED AUGUST 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com