Electronic Components Datasheet Search
  English  ▼

X  

TPS37-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS37-Q1
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS37-Q1 Datasheet HTML 1Page - Texas Instruments TPS37-Q1 Datasheet HTML 2Page - Texas Instruments TPS37-Q1 Datasheet HTML 3Page - Texas Instruments TPS37-Q1 Datasheet HTML 4Page - Texas Instruments TPS37-Q1 Datasheet HTML 5Page - Texas Instruments TPS37-Q1 Datasheet HTML 6Page - Texas Instruments TPS37-Q1 Datasheet HTML 7Page - Texas Instruments TPS37-Q1 Datasheet HTML 8Page - Texas Instruments TPS37-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison......................................................... 3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 6
7.1 Absolute Maximum Ratings........................................ 6
7.2 ESD Ratings .............................................................. 6
7.3 Recommended Operating Conditions.........................6
7.4 Thermal Information ...................................................6
7.5 Electrical Characteristics.............................................7
7.6 Timing Requirements..................................................9
7.7 Timing Diagrams ......................................................10
7.8 Typical Characteristics.............................................. 13
8 Detailed Description......................................................17
8.1 Overview................................................................... 17
8.2 Functional Block Diagram......................................... 17
8.3 Feature Description...................................................18
9 Device Functional Modes............................................. 26
10 Application and Implementation................................ 27
10.1 Adjustable Voltage Thresholds............................... 27
10.2 Application Information........................................... 28
10.3 Typical Application.................................................. 28
10.4 Power Supply Recommendations...........................31
10.5 Layout..................................................................... 31
11 Device and Documentation Support..........................34
11.1 Device Nomenclature..............................................34
11.2 Support Resources................................................. 35
11.3 Trademarks............................................................. 35
11.4 Electrostatic Discharge Caution.............................. 35
11.5 Glossary.................................................................. 35
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (July 2023) to Revision E (August 2023)
Page
• Add Funtional safety statement and removed latch functionality....................................................................... 1
• Add Vhyst and accurary diagram......................................................................................................................10
• Added CTS and CTR value plots......................................................................................................................13
• Fixed output topology....................................................................................................................................... 22
• Corrected CTR to CTS on EQ.......................................................................................................................... 24
Changes from Revision C (December 2021) to Revision D (July 2023)
Page
• Removed Product Preivew for the DYY package throughout.............................................................................1
Changes from Revision B (September 2021) to Revision C (December 2021)
Page
• Advance Information to Production Data release............................................................................................... 1
TPS37-Q1
SNVSBD9E – AUGUST 2020 – REVISED AUGUST 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com