Electronic Components Datasheet Search
  English  ▼

X  

TPS37-Q1 Datasheet(PDF) 41 Page - Texas Instruments

Part # TPS37-Q1
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37-Q1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TPS37-Q1 Datasheet HTML 37Page - Texas Instruments TPS37-Q1 Datasheet HTML 38Page - Texas Instruments TPS37-Q1 Datasheet HTML 39Page - Texas Instruments TPS37-Q1 Datasheet HTML 40Page - Texas Instruments TPS37-Q1 Datasheet HTML 41Page - Texas Instruments TPS37-Q1 Datasheet HTML 42Page - Texas Instruments TPS37-Q1 Datasheet HTML 43Page - Texas Instruments TPS37-Q1 Datasheet HTML 44Page - Texas Instruments TPS37-Q1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4225178/A 09/2019
www.ti.com
WSON - 0.8 mm max height
PLASTIC QUAD FLAT PACK- NO LEAD
DSK0010C
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
0.100 MIN
(0.13)
SECTION A-A
TYPICAL
PIN 1 INDEX AREA
2.6
2.4
2.6
2.4
0.05
0.00
0.8
0.7
SEATING PLANE
C
2X
2
A
A
PIN 1 ID
(OPTIONAL)
1
8X 0.5
10X 0.5
0.3
10X 0.3
0.2
(0.25) TYP
2.1
1.9
1.3
1.1
(0.2) TYP
5
6
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com