Electronic Components Datasheet Search
  English  ▼

X  

TPS37-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS37-Q1
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS37-Q1 Datasheet HTML 1Page - Texas Instruments TPS37-Q1 Datasheet HTML 2Page - Texas Instruments TPS37-Q1 Datasheet HTML 3Page - Texas Instruments TPS37-Q1 Datasheet HTML 4Page - Texas Instruments TPS37-Q1 Datasheet HTML 5Page - Texas Instruments TPS37-Q1 Datasheet HTML 6Page - Texas Instruments TPS37-Q1 Datasheet HTML 7Page - Texas Instruments TPS37-Q1 Datasheet HTML 8Page - Texas Instruments TPS37-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Table 6-1. Pin Functions
PIN
NAME
WSON
(DSK)
SOT23
(DYY)
I/O
DESCRIPTION
PIN
NUM.
PIN
NUM.
VDD
1
1
I
Input Supply Voltage: Bypass with a 0.1 µF capacitor to GND.
SENSE1
2
3
I
This pin is connected to the voltage that will be monitored for fixed variants or to a resistor divider for
the adjustable variant. When the voltage on SENSE1 pin transitions above the upper threshold voltage
of VIT+, RESET1/RESET1 asserts after the sense time delay, set by CTS1. When the voltage on the
SENSE1 pin transitions below the upper threshold voltage of VIT+ - VHYS, RESET1/RESET1 deasserts
after the reset time delay, set by CTR1. For noisy applications, placing a 10 nF to 100 nF ceramic
capacitor close to this pin may be needed for optimum performance.
SENSE2
3
4
I
This pin is connected to the voltage that will be monitored for fixed variants or to a resistor divider for
the adjustable variant. When the voltage on SENSE2 pin transitions below the lower threshold voltage
of VIT-, RESET2/RESET2 asserts after the sense time delay, set by CTS2. When the voltage on the
SENSE2 pin transitions above the lower threshold voltage of VIT- + VHYS, RESET2/RESET2 deasserts
after the reset time delay, set by CTR2. For noisy applications, placing a 10 nF to 100 nF ceramic
capacitor close to this pin may be needed for optimum performance.
RESET1/
RESET1
4
6
O
Output Reset Signal For Channel 1: See Section 5 for output topology options. RESET1/RESET1
asserts when SENSE1 rises outside of the upper voltage threshold. RESET1/RESET1 remains
asserted for the reset time delay period after SENSE1 transitions out of an overvoltage (OV) fault
condition. For active low open-drain reset output, an external pullup resistor is required. Do not place
external pullup resistors on push-pull outputs.
Reset output signal for: SENSE1
Sensing Topology: Overvoltage (OV)
Output topology: Open Drain or Push Pull, Active Low or Active High
RESET2/
RESET2
5
7
O
Output Reset Signal For Channel 2: See Section 5 for output topology options. RESET2/RESET2
asserts when SENSE2 falls outside of the lower voltage threshold. RESET2/RESET2 remains
asserted for the reset time delay period after SENSE2 transitions out of an undervoltage (UV) fault
condition. For active low open-drain reset output, an external pullup resistor is required.
Reset output signal for: SENSE2
Sensing Topology: Undervoltage (UV)
Output topology: Open Drain, Active Low or Active High
CTR1/ MR
6
9
-
Channel 1 RESET Time Delay: User-programmable reset time delay for RESET1/RESET1. Connect
an external capacitor for adjustable time delay or leave the pin floating for the shortest delay.
Manual Reset: If this pin is driven low, the RESET1/RESET1 output will reset and become asserted.
The pin can be left floating or be connected to a capacitor. This pin should not be driven high.
CTR2/ MR
9
12
-
Channel 2 RESET Time Delay: User-programmable reset time delay for RESET2/RESET2. Connect
an external capacitor for adjustable time delay or leave the pin floating for the shortest delay.
Manual Reset: If this pin is driven low, the RESET2/RESET2 output will reset and become asserted.
The pin can be left floating or be connected to a capacitor. This pin should not be driven high.
GND
10
8, 13
-
Ground. All GND pins must be electrically connected to the board ground.
NC
PAD
2, 5, 14
-
The PAD for the DSK package is not internally connected, the PAD can be connected to GND or be
left floating. For the DYY package, NC stands for “No Connect”. The pins are to be left floating.
CTS1
7
10
O
Channel 1 SENSE Time Delay: Capacitor programmable sense delay: CTS1 pin offers a user-
adjustable sense delay time when asserting a reset condition. Connecting this pin to a ground-
referenced capacitor sets the RESET1/RESET1 delay time to assert.
CTS2
8
11
O
Channel 2 SENSE Time Delay: Capacitor programmable sense delay: CTS2 pin offers a user-
adjustable sense delay time when asserting a reset condition. Connecting this pin to a ground-
referenced capacitor sets the RESET2/RESET2 delay time to assert.
www.ti.com
TPS37-Q1
SNVSBD9E – AUGUST 2020 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com