Electronic Components Datasheet Search
  English  ▼

X  

TPS37-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS37-Q1
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS37-Q1 Datasheet HTML 6Page - Texas Instruments TPS37-Q1 Datasheet HTML 7Page - Texas Instruments TPS37-Q1 Datasheet HTML 8Page - Texas Instruments TPS37-Q1 Datasheet HTML 9Page - Texas Instruments TPS37-Q1 Datasheet HTML 10Page - Texas Instruments TPS37-Q1 Datasheet HTML 11Page - Texas Instruments TPS37-Q1 Datasheet HTML 12Page - Texas Instruments TPS37-Q1 Datasheet HTML 13Page - Texas Instruments TPS37-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
7.7 Timing Diagrams
VIT+(OV)
Hys band for
VIT+(OV)
[1%]
[0.25%
]
[-0.25%]
VIT-(UV)
Accuracy band across
(-40ºC to 125ºC)
[1%]
Power
Supply
Tolerance
Window
VIT+(OV)MIN
VIT+(OV)MAX
Hys band for
VIT-(UV)
[VHYSMAX = Hyst%*1.015 * (VIT-(UV)MIN )]
[VHYSMIN=Hyst%*.985 * (VIT-(UV)MIN)]
Accuracy band across
(-40ºC to 125ºC)
VIT-(UV)MAX
VIT-(UV)MIN
Lowest Absolute Limit for the Monitored Voltage Rail
Highest Absolute Limit for the Monitored Voltage Rail
[VHYSMAX = Hyst%*1.015 * (VIT+(OV)MIN )]
[VHYSMIN=Hyst%*.985 * (VIT+(OV)MIN)]
Figure 7-1. Voltage Threshold and Hysteresis Accuracy
TPS37-Q1
SNVSBD9E – AUGUST 2020 – REVISED AUGUST 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com