Electronic Components Datasheet Search
  English  ▼

X  

TPS37-Q1 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS37-Q1
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37-Q1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS37-Q1 Datasheet HTML 17Page - Texas Instruments TPS37-Q1 Datasheet HTML 18Page - Texas Instruments TPS37-Q1 Datasheet HTML 19Page - Texas Instruments TPS37-Q1 Datasheet HTML 20Page - Texas Instruments TPS37-Q1 Datasheet HTML 21Page - Texas Instruments TPS37-Q1 Datasheet HTML 22Page - Texas Instruments TPS37-Q1 Datasheet HTML 23Page - Texas Instruments TPS37-Q1 Datasheet HTML 24Page - Texas Instruments TPS37-Q1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Table 8-1. Common Hysteresis Lookup Table
TARGET
DEVICE ACTUAL HYSTERESIS OPTION
DETECT THRESHOLD
TOPOLOGY
RELEASE VOLTAGE (V)
18.0 V
Overvoltage
17.5 V
-3%
18.0 V
Overvoltage
16.0 V
-11%
17.0 V
Overvoltage
16.5 V
-3%
16.0 V
Overvoltage
15.0 V
-6%
15.0 V
Overvoltage
14.0 V
-7%
6.0 V
Undervoltage
6.5 V
0.5 V
5.5 V
Undervoltage
6 V
0.5 V
8 V
Undervoltage
9 V
1 V
5 V
Undervoltage
7.5 V
2.5 V
Table 8-1 shows a sample of hysteresis and voltage options for the TPS37-Q1. For threshold voltages ranging
from 2.7 V to 8 V, one option is to select a fixed hysteresis value ranging from 0.5 V to 2.5 V in increments of
0.5 V. Additionally, a second option can be selected where the hysteresis value is a percentage of the threshold
voltage. The percentage of voltage hysteresis ranges from 2% to 13%.
Knowing the amount of hysteresis voltage, the release voltage for the undervoltage (UV) channel is
(VITN(UV) + VHYS) and for the overvoltage (OV) channel is (VITP(OV) - VHYS). For a visual understanding of the
UV and OV release voltage, see SENSEx Undervoltage (UV) Timing Diagram and SENSEx Overvoltage (OV)
Timing Diagram. The accuracy of the release voltage, or stated in the Section 7.5 as Hysteresis Accuracy is
±1.5%. Expanding what is shown in Table 8-1, below are a few voltage hysteresis examples that include the
hysteresis accuracy:
Undervoltage (UV) Channel
VITN = 0.8 V
Voltage Hysteresis (VHYS) = 5% = 40 mV
Hysteresis Accuracy = ±1.5% = 39.4 mV or 40.6 mV
Release Voltage = VITN + VHYS = 839.4 mV to 840.6 mV
Overvoltage (OV) Channel
VITP = 8 V
Voltage Hysteresis (VHYS) = 2 V
Hysteresis Accuracy = ±1.5% = 1.97 V or 2.03 V
Release Voltage = VITP - VHYS = 5.97 V to 6.03 V
www.ti.com
TPS37-Q1
SNVSBD9E – AUGUST 2020 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com