Electronic Components Datasheet Search
  English  ▼

X  

TPS37-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS37-Q1
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS37-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS37-Q1 Datasheet HTML 3Page - Texas Instruments TPS37-Q1 Datasheet HTML 4Page - Texas Instruments TPS37-Q1 Datasheet HTML 5Page - Texas Instruments TPS37-Q1 Datasheet HTML 6Page - Texas Instruments TPS37-Q1 Datasheet HTML 7Page - Texas Instruments TPS37-Q1 Datasheet HTML 8Page - Texas Instruments TPS37-Q1 Datasheet HTML 9Page - Texas Instruments TPS37-Q1 Datasheet HTML 10Page - Texas Instruments TPS37-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7.5 Electrical Characteristics
At VDD(MIN) ≤ VDD ≤ VDD (MAX), CTR1/MR = CTR2/MR = CTS1 = CTS2 = open, output reset pull-up resistor RPU = 10 kΩ,
voltage VPU = 5.5 V, and load CLOAD = 10 pF. The operating free-air temperature range TA = – 40°C to 125°C, unless
otherwise noted. Typical values are at TA = 25°C and VDD = 16 V and VIT = 6.5 V (VIT refers to VITN or VITP).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
VDD
Supply Voltage
2.7
65
V
UVLO (1)
Undervoltage Lockout
VDD Falling below VDD (MIN)
2.7
V
VPOR
Power on Reset Voltage (2)
RESET, Active Low
(Open-Drain, Push-Pull )
VOL(MAX) = 300 mV
IOUT (Sink) = 15 µA
1.4
V
VPOR
Power on Reset Voltage (2)
RESET, Active High
(Push-Pull )
VOH(MIN) = 0.8 x VDD
IOUT (Source) = 15 µA
1.4
V
IDD
Supply current into VDD pin
VIT = 800 mV
VDD (MIN) ≤ VDD ≤ VDD (MAX)
1
2.6
µA
VIT = 2.7 V to 36 V
VDD (MIN) ≤ VDD ≤ VDD (MAX)
1
2
µA
SENSE (Input)
ISENSE
Input current
(SENSE1, SENSE2)
VIT = 800 mV
100
nA
ISENSE
Input current
(SENSE1, SENSE2)
VIT < 10 V
0.8
µA
ISENSE
Input current
(SENSE1, SENSE2)
10 V < VIT < 26 V
1.2
µA
ISENSE
Input current
(SENSE1, SENSE2)
VIT > 26 V
2
µA
VITN
Input Threshold Negative
(Undervoltage)
VIT = 2.7 V to 36 V
-1.5
1.5
%
VIT = 800 mV (3)
0.792
0.800
0.808
V
VITP
Input Threshold Positive
(Overvoltage)
VIT = 2.7 V to 36 V
-1.5
1.5
%
VIT = 800 mV (3)
0.792
0.800
0.808
V
VHYS
Hysteresis Accuracy (4)
VIT = 0.8 V and 2.7 V to 36 V
VHYS Range = 2% to 13%
(1% step)
-1.5
1.5
%
VIT = 2.7 V to 8 V
VHYS = 0.5 V, 1 V, 1.5 V, 2 V,
2.5 V
(VITP - VHYS) ≥ 2.4 V, OV Only
-1.5
1.5
%
RESET (Output)
Ilkg(OD)
Open-Drain leakage
(RESET1, RESET2)
VRESET = 5.5 V
VITN < VSENSE < VITP
300
nA
VRESET = 65 V
VITN < VSENSE < VITP
300
nA
VOL (5)
Low level output voltage
2.7 V ≤ VDD ≤ 65 V
IRESET = 5 mA
300
mV
VOH_DO
High level output voltage
dropout
(VDD - VOH = VOH_DO)
(Push-Pull only)
2.7 V ≤ VDD ≤ 65 V
IRESET = 500 uA
100
mV
VOH (5)
High level output voltage
(Push-Pull only)
2.7 V ≤ VDD ≤ 65 V
IRESET = 5 mA
0.8VDD
V
www.ti.com
TPS37-Q1
SNVSBD9E – AUGUST 2020 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com