Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 15Page - NXP Semiconductors MFRC522 Datasheet HTML 16Page - NXP Semiconductors MFRC522 Datasheet HTML 17Page - NXP Semiconductors MFRC522 Datasheet HTML 18Page - NXP Semiconductors MFRC522 Datasheet HTML 19Page - NXP Semiconductors MFRC522 Datasheet HTML 20Page - NXP Semiconductors MFRC522 Datasheet HTML 21Page - NXP Semiconductors MFRC522 Datasheet HTML 22Page - NXP Semiconductors MFRC522 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
19 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.1.8
Status1Reg
Contains status bits of the CRC, Interrupt and FIFO buffer.
Table 21:
Status1Reg register (address 07h); reset value: 21h
Bit
7
6
5
4
3
2
1
0
Symbol
-
CRCOk
CRCReady
IRq
TRunning
-
HiAlert
LoAlert
Access
Rights
RFU
r
r
r
r
RFU
r
r
Table 22:
Description of Status1Reg bits
Bit
Symbol
Description
7
-
Reserved for future use.
6
CRCOk
Set to logic 1, if the CRC result is zero. For data transmission and
reception the bit CRCOk is undefined (use CRCErr in register
ErrorReg). CRCOk indicates the status of the CRC co-processor,
during calculation the value changes to logic 0, when the calculation is
done correctly, the value changes to logic 1.
5
CRCReady
Set to logic 1, when the CRC calculation has finished. This bit is only
valid for the CRC co-processor calculation using the command
CalcCRC.
4
IRq
This bit shows, if any interrupt source requests attention (with respect
to the setting of the interrupt enable bits, see register CommIEnReg
and DivIEnReg).
3
TRunning
Set to logic 1, if the MFRC522’s timer unit is running, e.g. the timer will
decrement the TCounterValReg with the next timer clock.
Remark: In the gated mode the bit TRunning is set to logic 1, when
the timer is enabled by the register bits. This bit is not
influenced by the gated signal.
2
-
Reserved for future use.
1
HiAlert
Set to logic 1, when the number of bytes stored in the FIFO buffer
fulfils the following equation:
Example:
FIFOLength = 60, WaterLevel = 4
→ HiAlert = 1
FIFOLength = 59, WaterLevel = 4
→ HiAlert = 0
0
LoAlert
Set to logic 1, when the number of bytes stored in the FIFO buffer
fulfils the following equation:
Example:
FIFOLength = 4, WaterLevel = 4
→ LoAlert = 1
FIFOLength = 5, WaterLevel = 4
→ LoAlert = 0
HiAlert
64
FIFOLength
–
)
(
WaterLevel
≤
=
LoAlert
FIFOLength
WaterLevel
≤
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com