Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 38Page - NXP Semiconductors MFRC522 Datasheet HTML 39Page - NXP Semiconductors MFRC522 Datasheet HTML 40Page - NXP Semiconductors MFRC522 Datasheet HTML 41Page - NXP Semiconductors MFRC522 Datasheet HTML 42Page - NXP Semiconductors MFRC522 Datasheet HTML 43Page - NXP Semiconductors MFRC522 Datasheet HTML 44Page - NXP Semiconductors MFRC522 Datasheet HTML 45Page - NXP Semiconductors MFRC522 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
42 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.4.6
TestBusReg
Shows the status of the internal testbus.
9.2.4.7
AutoTestReg
Controls the digital selftest.
9.2.4.8
VersionReg
Shows the version.
Table 113: TestBusReg register (address 35h); reset value: XXh
Bit
7
6
5
4
3
2
1
0
Symbol
TestBus
Access
Rights
r
Table 114: Description of TestBusReg bits
Bit
Symbol
Description
7 to 0
TestBus
Shows the status of the internal test bus. The test bus is selected by
the register TestSel2Reg. See Section 19 “Testsignals”.
Table 115: AutoTestReg register (address 36h); reset value: 40h
Bit
7
6
5
4
3
2
1
0
Symbol
-
AmpRcv
-
SelfTest
Access
Rights
RFU
r/w
RFT
r/w
Table 116: Description of AutoTestReg bits
Bit
Symbol
Description
7
-
Reserved for production tests.
6
AmpRcv
If set to logic 1, the internal signal processing in the receiver chain is
performed non-linear. This increases the operating distance in
communication modes at 106 kbit/s.
Remark: Due to the non linearity the effect of the bits MinLevel and
CollLevel in the register RxThreshholdReg are as well non linear.
5 to 4
-
Reserved for production tests.
3 to 0
SelfTest
Enables the digital self test. The selftest can be started by the selftest
command in the command register. The selftest is enabled by 1001b.
Remark: For default operation the selftest has to be disabled by 0000b.
Table 117: VersionReg register (address 37h); reset value: XXh
Bit
7
6
5
4
3
2
1
0
Symbol
Version
Access
Rights
r
Table 118: Description of VersionReg bits
Bit
Symbol
Description
7 to 0
Version
Indicates current version.
Remark: The current version for MFRC522 is 90h or 91h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com