Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 50Page - NXP Semiconductors MFRC522 Datasheet HTML 51Page - NXP Semiconductors MFRC522 Datasheet HTML 52Page - NXP Semiconductors MFRC522 Datasheet HTML 53Page - NXP Semiconductors MFRC522 Datasheet HTML 54Page - NXP Semiconductors MFRC522 Datasheet HTML 55Page - NXP Semiconductors MFRC522 Datasheet HTML 56Page - NXP Semiconductors MFRC522 Datasheet HTML 57Page - NXP Semiconductors MFRC522 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
54 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
10.4.4 Byte format
Each byte has to be followed by an acknowledge bit. Data is transferred with the MSB
first, see Figure 16 “First byte following the START procedure.”. The number of
transmitted bytes during one data transfer is unrestricted but shall fulfil the read/ write
cycle format.
10.4.5 Acknowledge
An acknowledge at the end of one data byte is mandatory. The acknowledge-related clock
pulse is generated by the master. The transmitter of data, either master or slave, releases
the SDA line (HIGH) during the acknowledge clock pulse. The receiver shall pull down the
SDA line during the acknowledge clock pulse so that it remains stable LOW during the
HIGH period of this clock pulse.
The master can then generate either a STOP (P) condition to stop the transfer, or a
repeated START (Sr) condition to start a new transfer.
A master-receiver shall indicate the end of data to the slave- transmitter by not generating
an acknowledge on the last byte that was clocked out by the slave. The slave-transmitter
shall release the data line to allow the master to generate a STOP (P) or repeated START
(Sr) condition.
Fig 14. Acknowledge on the I2C- bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com