Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 42Page - NXP Semiconductors MFRC522 Datasheet HTML 43Page - NXP Semiconductors MFRC522 Datasheet HTML 44Page - NXP Semiconductors MFRC522 Datasheet HTML 45Page - NXP Semiconductors MFRC522 Datasheet HTML 46Page - NXP Semiconductors MFRC522 Datasheet HTML 47Page - NXP Semiconductors MFRC522 Datasheet HTML 48Page - NXP Semiconductors MFRC522 Datasheet HTML 49Page - NXP Semiconductors MFRC522 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
46 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
10. DIGITAL Interfaces
10.1 Automatic
μ-Controller Interface Type Detection
The MFRC522 supports direct interfacing of various hosts as the SPI, I2C and serial
UART interface type. The MFRC522 resets its interface and checks the current host
interface type automatically having performed a Power-On or Hard Reset. The MFRC522
identifies the host interface by the means of the logic levels on the control pins after the
Reset Phase. This is done by a combination of fixed pin connections.The following table
shows the different configurations:
10.2 SPI Compatible interface
A serial peripheral interface (SPI compatible) is supported to enable high speed
communication to the host. The SPI Interface can handle data speed of up to 10 Mbit/s. In
the communication with a host MFRC522 acts as a slave receiving data from the external
host for register settings and to send and receive data relevant for the communication on
the RF interface.
Table 135: Connection Scheme for detecting the different Interface Types
MFRC522
Serial Interface Types
Pin
UART
SPI
I2C
SDA
RX
NSS
SDA
I²C
0
0
1
EA
0
1
EA
D7
TX
MISO
SCL
D6
MX
MOSI
ADR_0
D5
DTRQ
SCK
ADR_1
D4
-
-ADR_2
D3
-
-ADR_3
D2
-
-ADR_4
D1
-
-ADR_5
Remark: Overview on the pin behavior
Pin behavior
Input
Output
In/Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com