Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 53Page - NXP Semiconductors MFRC522 Datasheet HTML 54Page - NXP Semiconductors MFRC522 Datasheet HTML 55Page - NXP Semiconductors MFRC522 Datasheet HTML 56Page - NXP Semiconductors MFRC522 Datasheet HTML 57Page - NXP Semiconductors MFRC522 Datasheet HTML 58Page - NXP Semiconductors MFRC522 Datasheet HTML 59Page - NXP Semiconductors MFRC522 Datasheet HTML 60Page - NXP Semiconductors MFRC522 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
57 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
10.4.8 Register Read Access
To read out data from a specific register address of the MFRC522 the host controller shall
use the procedure:
First a write access to the specific register address has to be performed as indicated in the
following frame.
The first byte of a frame indicates the device address according to the I2C rules. The
second byte indicates the register address. No data bytes are added.
The read/write bit shall be 0.
Having performed this write access, the read access can start. The host has to send the
device address of the MFRC522. As an answer to this the MFRC522 responds with the
content of this register. In one frame all n-data bytes could be read from the same register
address. This enables for example a fast FIFO access or register polling.
The read/write bit shall be set to logic 1.
Fig 17. Register Read and Write Access
Write Cycle
Read Cycle
SA
SO
I2C slave address
A7-A0
0
(W)
Ack
Joiner register
address A5-A0
Ack
0
DATA
[7..0]
[0..n]
Ack
0
SA
SO
I2C slave address
A7-A0
0
(W)
Ack
Joiner register
address A5-A0
Ack
0
0
SA
I2C slave address
A7-A0
1
(R)
Ack
DATA
[7..0]
0..n
Ack
[0..n]
DATA
[7..0]
Nack
SO
sent by master
sent by slave
SA
start condition
SO
stop condition
ACK
acknowledge
Nack
not acknowlege
(W)
write cycle
(R)
read cycle
Optional, if the previous access was on the same register address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com