Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 6Page - NXP Semiconductors MFRC522 Datasheet HTML 7Page - NXP Semiconductors MFRC522 Datasheet HTML 8Page - NXP Semiconductors MFRC522 Datasheet HTML 9Page - NXP Semiconductors MFRC522 Datasheet HTML 10Page - NXP Semiconductors MFRC522 Datasheet HTML 11Page - NXP Semiconductors MFRC522 Datasheet HTML 12Page - NXP Semiconductors MFRC522 Datasheet HTML 13Page - NXP Semiconductors MFRC522 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
10 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
The contactless UART of MFRC522 and a dedicated external host are required to handle
the complete MIFARE® / ISO/IEC 14443A / MIFARE® protocol. The following Figure 6
“Data Coding and framing according to ISO/IEC 14443A.” shows the Data Coding and
framing according to ISO/IEC 14443A / MIFARE®.
The internal CRC co-processor calculates the CRC value according to the definitions
given in the ISO/IEC 14443A part 3 and handles parity generation internally according to
the transfer speed. Automatic parity generation can be switched off by bit ParityDisable in
register 0x1D ManualRCVReg.
Card
→ Reader
(MFRC522
receives data from
a card)
modulation
on card side
subcarrier
load
modulation
subcarrier
load
modulation
subcarrier
load
modulation
subcarrier
load
modulation
subcarrier
frequency
13.56 MHz/16
13.56MHz/16 13.56MHz/16 13.56MHz/16
bit coding
Manchester
coding
BPSK
BPSK
BPSK
Table 4:
Communication overview for ISO/IEC 14443A/MIFARE® reader/writer …continued
Communication
direction
ISO/IEC 14443A/ MIFARE®
transfer
speed
106 kbit/s
212 kbit/s
424 kbit/s
848 kbit/s
Fig 6.
Data Coding and framing according to ISO/IEC 14443A.
Start
odd
Par
8 bit data
odd
Par
8 bit data
odd
Par
8 bit data
Start Bit is "1"
ISO14443-A Framing at 106 kbit/s
Start
odd
Par
8 bit data
odd
Par
8 bit data
even
Par.
8 bit data
Start Bit is "0"
Burst of
32 sub-
carrier
clocks
Even parity at the
end of the frame!
ISO14443-A Framing at 212, 424 and 848 kbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com