Electronic Components Datasheet Search
  English  ▼

X  

MFRC522 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 23Page - NXP Semiconductors MFRC522 Datasheet HTML 24Page - NXP Semiconductors MFRC522 Datasheet HTML 25Page - NXP Semiconductors MFRC522 Datasheet HTML 26Page - NXP Semiconductors MFRC522 Datasheet HTML 27Page - NXP Semiconductors MFRC522 Datasheet HTML 28Page - NXP Semiconductors MFRC522 Datasheet HTML 29Page - NXP Semiconductors MFRC522 Datasheet HTML 30Page - NXP Semiconductors MFRC522 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
27 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.2.5
TxControlReg
Controls the logical behavior of the antenna driver pins Tx1 and Tx2.
3
RxNoErr
If set to logic 1, a not valid received data stream (less than 4 bits
received) will be ignored. The receiver will remain active.
2
RxMultiple
Set to logic 0, the receiver is deactivated after receiving a data frame.
Set to logic 1, it is possible to receive more than one data frame. This bit
is only valid for data rates above 106 kbit/s to handle the Polling
command. Having set this bit, the receive and transceive commands will
not terminate automatically. In this case the multiple receiving can only
be deactivated by writing any command (except the Receive command)
to the CommandReg register or by clearing the bit by the host.
If set to logic 1, at the end of a received data stream an error byte is
added to the FIFO. The error byte is a copy of the ErrorReg register.
1 to 0
-
Reserved for future use.
Table 46:
Description of RxModeReg bits …continued
Bit
Symbol
Description
Table 47:
TxControlReg register (address 14h); reset value: 80h
Bit
7
6
5
4
3
2
1
0
Symbol
InvTx2RF
On
InvTx1RF
On
InvTx2RF
Off
InvTx1RF
Off
Tx2CW
-
Tx2RFEn
Tx1RFEn
Access
Rights
r/w
r/w
r/w
r/w
r/w
RFU
r/w
r/w
Table 48:
Description of TxControlReg bits
Bit
Symbol
Description
7
InvTx2RFOn
Set to logic 1, the output signal at pin TX2 will be inverted, if driver TX2
is enabled.
6
InvTx1RFOn
Set to logic 1, the output signal at pin TX1 will be inverted, if driver TX1
is enabled.
5
InvTx2RFOff
Set to logic 1, the output signal at pin TX2 will be inverted, if driver TX2
is disabled.
4
InvTx1RFOff
Set to logic 1, the output signal at pin TX1 will be inverted, if driver TX1
is disabled.
3
Tx2CW
Set to logic 1, the output signal on pin TX2 will deliver continuously the
un-modulated 13.56 MHz energy carrier.
Set to logic 0, Tx2CW is enabled to modulate the 13.56 MHz energy
carrier.
2
-
Reserved for future use.
1
Tx2RFEn
Set to logic 1, the output signal on pin TX2 will deliver the 13.56 MHz
energy carrier modulated by the transmission data.
0
Tx1RFEn
Set to logic 1, the output signal on pin TX1 will deliver the 13.56 MHz
energy carrier modulated by the transmission data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com