Electronic Components Datasheet Search
  English  ▼

X  

AC-3 Datasheet(PDF) 2 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 2 Page - ABB

  AC-3 Datasheet HTML 1Page - ABB AC-3 Datasheet HTML 2Page - ABB AC-3 Datasheet HTML 3Page - ABB AC-3 Datasheet HTML 4Page - ABB AC-3 Datasheet HTML 5Page - ABB AC-3 Datasheet HTML 6Page - ABB AC-3 Datasheet HTML 7Page - ABB AC-3 Datasheet HTML 8Page - ABB AC-3 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
/2
Low Voltage Products
3
M
3
3
R
3
R
3
0.1...0.32
0.3...1.0
0.9...2.7
2...6.3
5.7...18.9
E16 DU ... -10
1.0...1.4
1.3...1.8
1.7...2.4
2.2...3.1
2.8...4.0
3.5...5.0
4.5...6.5
6.0...8.5
7.5...11
10...14
13...19
18...25
24...32
0.10...0.16
0.16...0.25
0.25...0.40
0.40...0.63
0.63...1.0
TA 25 DU ...
22...32
29...42
TA 42 DU ...
A 9A 12
A 16
A 26
A 30
A 40
AL 9AL 12
AL 16
AL 26
AL 30
AL 40
a.c. Circuit
Switching
Switched-on current
=
Switched-off current = In
Time
Time
Switched-off
current = In
Switched-on current 6 x In
a.c. Circuit
Switching
Switching of 3-phase Cage Motors
IEC
AC-3
Power
θ < 55 °C, 400 V
kW
4
5.5
7.5
11
15
18.5
rating
Rated
θ < 55 °C, 400 V
A
912
17
26
32
37
AC-3 operational θ < 55 °C, 415 V
A
912
17
26
32
37
current
θ < 55 °C, 690 V
A
79
10
17
*
21
*
25
*
Switching of Resistive Circuits
IEC
* For AL 26 ... AL 40 see "Technical Data"
Rated
θ < 40 °C, 690 V
A
25
27
30
45
55
60
AC-1 operational θ < 55 °C, 690 V
A
22
25
27
40
55
60
current
θ < 70 °C, 690 V
A
18
20
23
32
39
42
●
With conductor cross-sectional area
mm2
2.5
4
4
6
10
16
●
Rated operational voltage
V
690
UL/CSA
3-phase Motor-rating
Motor-rating
480 V
hp
5
7.5
10
20
25
30
General Use Rating
Amp-rating
600 V
A
21
25
30
40
50
60
Nema Size
00
0
–
11P
–
AC-3 utilization category
When
making
,
the motor current
is about 6 x I
n.
Breaking
while the
motor is running at
I
n motor F.L.C.
AC-1 utilization category
When making,
the switched-on
current is equal to
the I
n load rated
current with
cos ϕ ≥ 0.95.
TP 40 DA, TP 180 DA Direct timing - Front mounting
TP 40 IA, TP 180 IA
TE5S Direct timing - Separate mounting
VE 5-1
VM 5-1
RV 5
RC 5-1
RT 5
1 x N.O.
1 x N.C.
A 9-30-10
A 26-30-10
a.c. Control supply range Types
A 12-30-10
A 30-30-10
A..., AF... Contactors
A 16-30-10
A 40-30-10
AL 9-30-10
AL 26-30-10
d.c. Control supply range Types
AL 12-30-10
AL 30-30-10
AL..., AE..., AF... Contactors
AL 16-30-10
AL 40-30-10
CA 5-10 1-pole, front mounting
CA 5-01 1-pole, front mounting
Selection & Ordering
Select accessory type and
quote required data in plain
text.
Selection & Ordering
Select contactor type.
Select contactor coil voltage on cover folding
page 0/1, according to control circuit supply.
(Please quote coil voltage in plain text).
Note:
The AF contactor range, with a.c./d.c. Electronic
Coil Interface
, is available from AF 50 up to
AF 1650
.
Timers
TP..
, Pneumatic
(A..., AE..., AF... contactors only)
Types
TE..
, Electronic
Supply voltages: 24 V a.c./d.c.,
110 ... 120; 220 ... 240; 380 ... 440 V a.c.
Interlocks
VE 5-.
, Mechanical / Electrical
Types
VM...
, Mechanical
mounting between 2 contactors
Surge
RV..
, (Varistor) a.c./d.c.
suppressors
RC..
, (Capacitor) a.c.
Types
RT..
, (Transil diode) d.c.
Contactor
Main
Accessories
Contactor
Main
Accessories
3-poleContactors
3-poleContactors
Selection & Ordering
Select O/L relay type and
setting range according to
motor F.L.C.
&
setting
range in
Amps
Types
A..
AF..
AL../TAL..
AE../TAE
UA..RA/UA..
GA../GAE..
AM..
>>
Description
pages
2/6, 2/10
2/18, 2/20
2/14
2/14
2/34, 2/38
2/44
2/46
>>
Ordering Details
pages
2/7, 2/11
2/19, 2/21
2/15, 2/16
2/15, 2/16
2/35, 2/39
2/45
2/47
>>
Technical Data
pages
2/64 ..................................... 2/75
2/37, 2/41
2/44
2/46
O/L relays
TA..DU..
, Thermal O/L relay
Types
E..DU..
, Electronic O/L relay
Standard starting time 2 ... 10 s
tripping class 10 A
Protection
of
3-phase motor
s
Protection
of
3-phase motor
s
For further
information:
For further
information:
A.., AL.., AE.., AF..,
A.., AL.., AE.., AF..,
Auxiliary
CA 5-..
, 1-pole,
Types
contacts
CAL ..-..
, 2-pole
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 2 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com