Electronic Components Datasheet Search
  English  ▼

X  

AC-3 Datasheet(PDF) 4 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 4 Page - ABB

  AC-3 Datasheet HTML 1Page - ABB AC-3 Datasheet HTML 2Page - ABB AC-3 Datasheet HTML 3Page - ABB AC-3 Datasheet HTML 4Page - ABB AC-3 Datasheet HTML 5Page - ABB AC-3 Datasheet HTML 6Page - ABB AC-3 Datasheet HTML 7Page - ABB AC-3 Datasheet HTML 8Page - ABB AC-3 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2
/6
Low Voltage Products
1SBC100122C0202
A50-30
A1
A2
V
Hz
50
60
80
1 L1
3 L2
5 L3
2 T1
4 T2
6 T3
6-
1-
2-
3-
4-
5-
6-
1-
2-
3-
4-
5-
A 9 ... A 110 3-pole Contactors
a.c. Operated
Application
A 9 ... A 110
contactors are mainly used for controlling 3-phase motors and generally for controlling power circuits up to 690 V a.c. / 1000 V a.c. or
220 V d.c. / 440 V d.c. The contactors can also be used for many other applications such as isolation, capacitor switching, lighting.
Description
The A... series 3-pole contactors are of the block type design.
●
Main poles and auxiliary contact blocks
A 9 ... A 40 1-stack contactors:
–3 main poles,
–1 built-in auxiliary contact,
– front and side mounted add-on auxiliary contact blocks.
A 9 ... A 40 2-stack contactors:
–1st stack with 3 main poles and 1 built-in auxiliary contact,
–2nd stack with 4 built-in auxiliary contacts,
– side mounted add-on auxiliary contact blocks.
The built-in auxiliary contact elements are mechanically linked.
A 50 ... A 110 contactors:
–3 main poles,
– front and side mounted add-on auxiliary contact blocks.
●
Control circuit: a.c. operated with laminated magnet circuit.
●
Accessories: a wide range of accessories is available
Variants
●
4-pole: A 9 ... A 75 contactors (with 4 N.O. or 2 N.O. + 2 N.C. main poles).
●
d.c. operated: AL 9 ... AL 40, AL 9Z ... AL 16Z and AE 50 ... AE 110 contactors.
●
d.c. operated with large coil voltage range: TAL 9 ... TAL 40 and TAE 50 ... TAE 110 contactors.
●
electronic coil interface (a.c./d.c. operated): AF 50 ... AF 110 contactors.
●
contactors for capacitor switching (UA..., UA..RA types).
●
contactors for d.c. switching (GA..., GAE... types).
●
magnetically latched contactors (AM... types).
Location of surge suppressors.
Clear marking of coil voltages and
frequencies.
Quick fixing on mounting rail according
to IEC 60715, EN 60715 standards:
– 35 x 7.5 mm for A 9 ... A 40 contactors,
– 35 x 15 mm for A 9 ... A 75 contactors,
– 75 x 25 mm for A 50 ... A 110 contactors.
Location of side-mounted accessories
(on right or left hand side)
.
Holes for screw fixing (screws not supplied).
Terminals delivered in open position with
captive screws.
Screwdriver guidance for all terminals.
Degree of protection (IP...) of terminals
according to IEC 60947-1:
–A 9 ... A 40 contactors:
IP 20 for main and auxiliary terminals.
–A 50 ... A 110 contactors:
IP 10 for main terminals,
IP 20 for auxiliary terminals.
Stops for attaching front mounted acces-
sories.
Location of function marker.
Terminal marking according to
IEC 60947-4-1, EN 50005, EN 50012 and
NEMA standards.
Connecting point for control leads in top
part of main terminals of A 50 ... A 110
contactors
Terminal screws:
–A 9 ... A 16 contactors:
M3.5 Pozidriv (+,-) No. 2 for all terminals,
–A 26 contactors:
M4 Pozidriv (+,-) No. 2 for main and
auxiliary terminals,
M3.5 Pozidriv (+,-) No. 2 for coil terminals,
–A 30, A 40 contactors:
M5 Pozidriv (+,-) No. 2 for main terminals,
M3.5 Pozidriv (+,-) No. 2 for auxiliary and
coil terminals,
–A 50 ... A 75 contactors:
M6 Pozidriv (+,-) No. 2 for main terminals,
M3.5 Pozidriv (+,-) No. 2 for coil terminals,
–A 95 ... A 110 contactors:
M8 Hexagon socket (s = 4 mm) for main
terminals,
M3.5 Pozidriv (+,-) No. 2 for coil terminals.
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 4 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com