Electronic Components Datasheet Search
  English  ▼

X  

AC-3 Datasheet(PDF) 10 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 10 Page - ABB

Back Button AC-3 Datasheet HTML 6Page - ABB AC-3 Datasheet HTML 7Page - ABB AC-3 Datasheet HTML 8Page - ABB AC-3 Datasheet HTML 9Page - ABB AC-3 Datasheet HTML 10Page - ABB AC-3 Datasheet HTML 11Page - ABB AC-3 Datasheet HTML 12Page - ABB AC-3 Datasheet HTML 13Page - ABB AC-3 Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
2
/68
Low Voltage Products
1SBC100122C0202
Magnet System Characteristics for A... Contactors
Contactor types: A...
9
12
16
26
30
40
45
50
63
75
95
110
Rated control circuit voltage U
c
– at 50 Hz
V
24 ... 690
– at 60 Hz
V
24 ... 690
Coil operating limits acc. to IEC 60947-4-1
0.85 ... 1.1 x U
c (at
θ < 55 °C)
0.85 ... 1.1 x U
c
(at θ < 70 °C)
Please also refer to "Conditions for Use"
Drop-out voltage
in % of U
c
approx. 40 ... 65 %
Coil consumption
Average pull-in value
50 Hz
VA
70
120
180
350
60 Hz
VA
80
140
210
450
50/60 Hz(1) VA/VA
74/70
125/120
190/180
410/365
Average holding value 50 Hz
VA/W
8/2
12/3
18/5.5
22/6.5
60 Hz
VA/W
8/2
12/3
18/5.5
26/8
50/60 Hz(1) VA/W
8/2
12/3
18/5.5
27/7.5
Operating time
between coil energization and:
– N.O. contact closing
ms
10 ... 26
8 ... 21
8 ... 27
10 ... 25
– N.C. contact opening
ms
7 ... 21
6 ... 18
7 ... 22
7 ... 22
between coil de-energization and:
– N.O. contact opening
ms
4 ... 11
4 ... 11
4 ... 11
7 ... 15
– N.C. contact closing
ms
9 ... 16
7 ... 14
7 ... 14
10 ... 18
(1) 50/60 Hz coils: see "Coil Voltage Code Table".
Magnet System Characteristics for AF... Contactors
Contactor types: AF...
–
–
–
–
–
–
45
50
63
75
95
110
Rated control circuit voltage U
c
– at 50 Hz
V
48 ... 250
48 ... 250
– at 60 Hz
V
48 ... 250
48 ... 250
– d.c.
V
20 ... 250
20 ... 250
Coil operating limits acc. to IEC 60947-4-1
0.85 x U
c min. ... 1.1 x Uc max. (at
θ < 70 °C)
Please also refer to "Conditions for Use"
Drop-out voltage
in % of U
c min.
55 %
Coil consumption
Average pull-in value
50 Hz
VA
210
350
60 Hz
VA
210
350
d.c.
W
190
400
Average holding value
50 Hz VA/W
7/2.8
7/3.5
60 Hz VA/W
7/2.8
7/3.5
d.c.
W
2.8
2
Operating time
between coil energization and:
– N.O. contact closing
ms
30 ... 100
30 ... 80
– N.C. contact opening
ms
27 ... 95
27 ... 77
between coil de-energization and:
– N.O. contact opening
ms
30 ... 110
55 ... 125
– N.C. contact closing
ms
35 ... 115
60 ... 130
A... and AF... Contactors
Technical Data
>> Coil Voltage Code Table ......................... page 0/1
>> Conditions for Use ................................ page 2/72
>> Terminal Marking and Positioning ........ section 8
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 10 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com