Electronic Components Datasheet Search
  English  ▼

X  

AC-3 Datasheet(PDF) 12 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 12 Page - ABB

Back Button AC-3 Datasheet HTML 8Page - ABB AC-3 Datasheet HTML 9Page - ABB AC-3 Datasheet HTML 10Page - ABB AC-3 Datasheet HTML 11Page - ABB AC-3 Datasheet HTML 12Page - ABB AC-3 Datasheet HTML 13Page - ABB AC-3 Datasheet HTML 14Page - ABB AC-3 Datasheet HTML 15Page - ABB AC-3 Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
2
/72
Low Voltage Products
1SBC100122C0202
Position 1
Position 3
Position 4
Position 2
Position 5
Position 1
± 30°
+30°
-30°
Position 6
ABB
Mounting Characteristics
Contactor types: A...
9
12
16
26
30
40
45
50
63
75
95
110
AL..., TAL...
9
12
16
26
30
40
–
–
–
–
–
–
AE..., TAE..., AF...
–
–
–
–
–
–
45
50
63
75
95
110
Mounting positions
see "Conditions for use"
Mounting distances
The contactors can be assembled side by side - Except for TAL... contactors: see "Dimensions"
Fixing
on rail
35 x 7.5 mm
35 x 15 mm
according to IEC 60715, EN 60715
35 x 15 mm
75 x 25 mm
75 x 25 mm
by screws (not supplied)
2 x M4
2 x M6
Conditions for Use
Sustainable utilization conditions for contactors involving at the same time the Mounting position, Ambient temperature and Control voltage operating
limits are summarized in the table below.
Contactor types: A...,
9
12
16
26
30
40
45
50
63
75
95
110
AL...
9
12
16
26
30
40
–
–
–
–
–
–
AE...
–
–
–
–
–
–
45
50
63
75
95
110
Control voltage / Ambient temperature
Mounting positions
< 55 °C
0.85 ... 1.1 x U
c
1, 2, 3, 4, 5
55 ... 70 °CUc
0.85 ... 1.1 x U
c
Mounting pos. 1 + 30°
< 55 °C
0.85 ... 1.1 x U
c
(unauthorized for AL..Z... types)
55 ... 70 °CUc
0.85 ... 1.1 x U
c
Mounting pos. 6
< 55 °C
0.95 ... 1.1 x U
c
(Position 6 unauthorized for
> 55 °C
unauthorized
AL...
and AL..Z... types)
Contactor types: TAL...
9
12
16
26
30
40
–
–
–
–
–
–
TAE...
–
–
–
–
–
–
45
50
–
75
95
110
Control voltage / Ambient temperature
Mounting positions
< 55 °CUc min. ... Uc max.
1, 1 + 30°, 2, 3, 4, 5
> 55 °C
unauthorized
Mounting pos. 6
–
unauthorized
Contactor types: AF...
–
–
–
–
–
–
45
50
63
75
95
110
Control voltage / Ambient temperature
Mounting positions
< 70 °C
–
–––
––
0.85 x U
c min. ... 1.1 x Uc max.
1, 1 + 30°, 2, 3, 4, 5
Mounting pos. 6
–
–
–––
––
unauthorized
Notes for 4-pole contactors
Whatever the coil voltage:
Pos. 5 unauthorized for AL 9-22-00, AL 16-22-00, AL 26-22-00, TAL 9-22-00, TAL 16-22-00, TAL 26-22-00, A 45-22-00, AE 45-22-00, AF 45-22-00, A 75-22-00, AE 75-22-00, AF 75-22-00 contactors.
For 60 Hz coil voltage:
(only for devices fitted with CA 5-.. and CAL 5-11 auxiliary contacts or TP timer)
–A 45-40-00, A 50-40-00 and A 75-40-00 contactors
Mounting positions 1 to 5 and ambient temperature < 55 °C: tolerance reduced to 0.9 ... 1.1 Uc (instead of 0.85 ... 1.1 Uc) for coil voltage codes 7
and 8
.
–A 45-22-00 and A 75-22-00 contactors
Mounting positions 1 to 4 and ambient temperature < 55 °C: tolerance reduced to 0.9 ... 1.1 Uc (instead of 0.85 ... 1.1 Uc) for coil voltage codes 7
and 8
.
For mounting position 6 or ambient temperature of 55 to 70 °C the information given on this page remains applicable.
Mounting Positions
(see the above table for authorized positions)
A... and AF... Contactors
AL..., AE... and TAL..., TAE... Contactors
Technical Data
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 12 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com