Electronic Components Datasheet Search
  English  ▼

X  

AC-3 Datasheet(PDF) 7 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 7 Page - ABB

Back Button AC-3 Datasheet HTML 3Page - ABB AC-3 Datasheet HTML 4Page - ABB AC-3 Datasheet HTML 5Page - ABB AC-3 Datasheet HTML 6Page - ABB AC-3 Datasheet HTML 7Page - ABB AC-3 Datasheet HTML 8Page - ABB AC-3 Datasheet HTML 9Page - ABB AC-3 Datasheet HTML 10Page - ABB AC-3 Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
2
Low Voltage Products
2
/9
1SBC100122C0202
RV 5/..
CAL 5-11
TA 25 DU..
A 26-30-10
CA 5-31M
TP 40 DA
CA 5-10
VE 5-1
Fitting Details - For Ordering Details, see "Motor Protection"
The addition of a thermal O/L relay on the contactor does not prevent fitting of many other accessories as shown below.
Contactor
Thermal O/L relays - No mounting kit required, direct mounting
types
TA 25 DU..
TA 42 DU
TA 75 DU
TA 80 DU
TA 110 DU
0.1 ... 0.16 to 24 ... 32 A
18 ... 25 to 29 ... 42 A
18 ... 25 to 60 ... 80 A
29 ... 42 to 60 ... 80 A
65 ... 90 to 80 ... 110 A
A 9 ... A 26
TA 25 DU..
–
–
–
–
A 30, A 40
TA 25 DU.. (1)
or TA 42 DU.. (1)
–––
A 50 ... A 75
––
TA 75 DU..
–
–
A 95, A 110
––
–
TA 80 DU.. (1)
or TA 110 DU.. (1)
(1) According to the current value.
Contactor and O/L relay
The O/L relays provided for the
A 50 ... A 110 contactors can be
used for the AF 50 ... AF 110 types.
A 9 ... A 110 3-pole Contactors
Thermal O/L Relays
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 7 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com