Electronic Components Datasheet Search
  English  ▼

X  

AC-3 Datasheet(PDF) 11 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 11 Page - ABB

Back Button AC-3 Datasheet HTML 7Page - ABB AC-3 Datasheet HTML 8Page - ABB AC-3 Datasheet HTML 9Page - ABB AC-3 Datasheet HTML 10Page - ABB AC-3 Datasheet HTML 11Page - ABB AC-3 Datasheet HTML 12Page - ABB AC-3 Datasheet HTML 13Page - ABB AC-3 Datasheet HTML 14Page - ABB AC-3 Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
2
Low Voltage Products
2
/71
1SBC100122C0202
Built-in Auxiliary Contacts - Other auxiliary contacts see "Accessories"
Utilization characteristics acc. to IEC
Contactor types: A..., AL..., TAL...
9
12
16
26
30
40
AL..Z...
9
12
16
–
–
–
Rated operational voltage U
e max.
V
690
Conventional free air thermal
current I
th -
θ < 40 °C
A
16
Rated frequency limits
Hz
25 ... 400
Rated operational current I
e / AC-15
according to IEC 60947-5-1
24-127 V 50/60 Hz
A
6
220-240 V 50/60 Hz
A
4
380-440 V 50/60 Hz
A
3
500 V 50/60 Hz
A
2
690 V 50/60 Hz
A
2
Rated operational current I
e / DC-13
according to IEC 60947-5-1
24 V d.c.
A
6
(144 W)
48 V d.c.
A
2.8
(134 W)
72 V d.c.
A
2
(144 W)
110 V d.c.
A
1.1
(121 W)
125 V d.c.
A
1.1
(138 W)
220 V d.c.
A
0.55 (121 W)
250 V d.c.
A
0.55 (138 W)
Making capacity
acc. to IEC 60947-5-1
10 x I
e / AC-15
Breaking capacity
acc. to IEC 60947-5-1
10 x I
e / AC-15
Short-circuit protection
gG type fuse
A
10
Rated short-time withstand current I
cw
for 1.0 s
A
100
for 0.1 s
A
140
Minimum switching capacity V / mA
17 / 5 (1)
Non-overlapping time between
N.O. and N.C. contacts
ms
> 2
Heat dissipation per pole at 6 A
W
0.10
(1) For AL..., AL..Z..., TAL... contactors, failure rate < 10-7 according to IEC 60947-5-4.
Utilization characteristics acc. to UL/CSA
Contactor types: A..., AL..., TAL...
9
12
16
26
30
40
AL..Z...
9
12
16
–
–
–
Max. rated voltage
V
600
Pilot duty
A 600, P 300
A..., AL..., AL..Z... and TAL... Contactors
Technical Data
>> Electrical Durability Curves ................... section 4
>> Auxiliary Contacts for Safety Circuits .... page 2/63
>> Terminal Marking and Positioning ........ section 8
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 11 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com