Electronic Components Datasheet Search
  English  ▼

X  

AC-3 Datasheet(PDF) 6 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 6 Page - ABB

Back Button AC-3 Datasheet HTML 2Page - ABB AC-3 Datasheet HTML 3Page - ABB AC-3 Datasheet HTML 4Page - ABB AC-3 Datasheet HTML 5Page - ABB AC-3 Datasheet HTML 6Page - ABB AC-3 Datasheet HTML 7Page - ABB AC-3 Datasheet HTML 8Page - ABB AC-3 Datasheet HTML 9Page - ABB AC-3 Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
2
/8
Low Voltage Products
1SBC100122C0202
VE 5-1
RV 5/..
CAL 5-11
TA 25 DU..
A 26-30-10
CA 5-10
CA 5-31M
TP 40 DA
A 9 ... A 110 3-pole Contactors
Main Accessories
Fitting Details - For Ordering Details, see "Accessories"
Many configurations of accessories are possible depending on whether these are front mounted or side mounted.
Contactor
Main
Available
Front mounted accessories
Side mounted accessories
types
poles
auxiliary
contacts
Auxiliary contact
Auxiliary contact
1-pole CA 5-..
Auxiliary contact
Pneumatic timer
2-pole CAL..
Interlock unit
(or 1-pole CE 5-..)
4-pole CA 5-..
TP .. A
(or 1-pole CEL 18-..)
VM 5-.. or VE 5-..
A 9 ... A 26
3 0
1 0
1 to 4 x CA 5-..
or 1 x CA 5-.. (4-pole)
or
1 x TP .. A (6)
+
1 to 2 x CAL 5-11 or
1 x VM 5-1 or VE 5-1
A 9 ... A 26
3 0
0 1 (5)
(1 to 2 x CE 5-.. max.) (1)
+ 1 x CAL 5-11
A 9 ... A 16
3 0
2 2
––
–1 to 2 x CAL 5-11 or
1 x VM 5-1 or VE 5-1
A 9 ... A 26
3 0
3 2
+ 1 x CAL 5-11
A 30, A 40
3 0
1 0
1 to 5 x CA 5-..
or
1 x CA 5-.. (4-pole)
or
1 x TP .. A
+
1 to 2 x CAL 5-11 or
1 x VM 5-1 or VE 5-1
A 30, A 40
3 0
0 1 (5)
(1 to 3 x CE 5-.. max.) (2)
+
1 x 1-pole CA 5-.. or CE 5-.. (2)
+ 1 x CA 5-.. (1-pole)
+ 1 x CAL 5-11
A 30, A 40
3 0
3 2 (5)
1 x CA 5-..
––
+
1 to 2 x CAL 5-11 or
1 x VM 5-1 or VE 5-1
(or 1 x CE 5-..) (4)
+ 1 x CAL 5-11
A 50 ... A 75
3 0
0 0
1 to 6 x CA 5-..
or
1 x CA 5-.. (4-pole)
or
1 x TP .. A
+
1 to 2 x CAL 5-11 or
1 x VE 5-2
(1 to 5 x CE 5-.. max.) (3)
+
2 x 1-pole CA 5-.. or CE 5-.. (3)
+ 2 x CA 5-.. (1-pole)
+ 1 x CAL 5-11
A 50 ... A 75
3 0
1 1
1 to 6 x CA 5-..
or
1 x CA 5-.. (4-pole)
or
1 x TP .. A
+
1 x CAL 5-11
or 1 x VE 5-2
(1 to 5 x CE 5-.. max.) (3)
+
2 x 1-pole CA 5-.. or CE 5-.. (3)
+ 2 x CA 5-.. (1-pole)
A 50 ... A 75
3 0
2 2
1 to 2 x CA 5-..
––
+
1 to 2 x CAL 5-11 or
1 x VE 5-2
(1 to 2 x CE 5-.. max.)
+ 1 x CAL 5-11
A 95, A 110
3 0
0 0
1 to 6 x CA 5-..
or
1 x CA 5-.. (4-pole)
–
+
1 to 2 x CAL 18-11
or
1 x VE 5-2
(1 to 5 x CE 5-.. max.) (3)
+
2 x 1-pole CA 5-.. or CE 5-.. (3)
(or 1 to 2 x CEL 18-..)
+ 1 x CAL 18-11
A 95, A 110
3 0
1 1
1 to 6 x CA 5-..
or
1 x CA 5-.. (4-pole)
–
+
1 x CAL 18-11
or 1 x VE 5-2
(1 to 5 x CE 5-.. max.) (3)
+
2 x 1-pole CA 5-.. or CE 5-.. (3)
(or 1 x CEL 18-..)
A 95, A 110
3 0
2 2
1 to 2 x CA 5-..
––
+
1 to 2 x CAL 18-11
or
1 x VE 5-2
(1 to 2 x CE 5-.. max.)
(or 1 to 2 x CEL 18-..)
+ 1 x CAL 18-11
(1) The total number of N.O. or N.C. CE 5-.. and other additional N.C. CA 5-.. auxiliary contacts is limited to 2.
CE 5-..
auxiliary contacts not allowed in mounting position 5.
(2) The total number of N.O. or N.C. CE 5-.. and other additional N.C. CA 5-.. auxiliary contacts is limited to 3.
CE 5-..
auxiliary contacts not allowed in mounting position 5.
(3) The total number of N.O. or N.C. CE 5-.. and other additional N.C. CA 5-.. auxiliary contacts is limited to 5.
(4) CE 5-.. auxiliary contacts not allowed in mounting position 5.
(5) 2 N.C. CA 5-.. auxiliary contacts maximum in mounting position 5.
(6) A 9, A 12, A 16-30-01 in mounting position 5, TP..DA not allowed.
Contactor and main accessories
For mounting position diagram, see "Technical Data"
(other accessories available)
The accessories provided for the
A 50 ... A 110 contactors can be
used for the AF 50 ... AF 110 types.
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 6 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com