Electronic Components Datasheet Search
  English  ▼

X  

AC-3 Datasheet(PDF) 9 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 9 Page - ABB

Back Button AC-3 Datasheet HTML 5Page - ABB AC-3 Datasheet HTML 6Page - ABB AC-3 Datasheet HTML 7Page - ABB AC-3 Datasheet HTML 8Page - ABB AC-3 Datasheet HTML 9Page - ABB AC-3 Datasheet HTML 10Page - ABB AC-3 Datasheet HTML 11Page - ABB AC-3 Datasheet HTML 12Page - ABB AC-3 Datasheet HTML 13Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
2
/66
Low Voltage Products
1SBC100122C0202
M
3
M
3
B2
A
A
B1
C2
C1
ABB
Main Pole - Utilization Characteristics acc. to UL/CSA
Contactor types: A...
9
12
16
26
30
40
45
50
63
75
95
110
AL..., TAL...
9
12
16
26
30
40
–
–
–
–
–
–
AE..., TAE..., AF...
–
–
–
–
–
–
45
50
63
75
95
110
NEMA size
00
0–1
1P
–22
–3
–
–
General use rating
Amp-rating
600 V
A
21
25
30
40
50
60
80
80
90
105
125
140
3-phase motor rating
Amp-rating (1)
200-208 V
A
7.8
11
17.5
25.3
32.2
32.2
48.3
48.3
62.1
78.2
92
92
220-240 V
A
6.8
9.6
15.2
28
28
42
54
54
68
80
80
104
440-480 V
A
7.6
11
14
27
34
40
52
52
77
77
77
96
550-600 V
A
911
1727
32415252
7777
77
99
Motor power (1)
200-208 V
hp
2
35
7.5
10
10
15
15
20
25
30
30
220-240 V
hp
2
3510
10
152020
2530
30
40
440-480 V
hp
5
7.5
10
20
25
30
40
40
60
60
60
75
550-600 V
hp
7.5
10
15
25
30
40
50
50
75
75
75
100
Short-circuit protection for contactors
without thermal O/L relay - Motor protection excluded
Fuse rating
A
35
35
60
90
150
150
175
175
200
200
200
200
Fuse type, 600 V
FRS-R
J
Max. electrical switching frequency
– for general use
cycles/h
600
600 (300 for AF..., AE...)
300
– for motor use
cycles/h
1200
600 (300 for AF..., AE...)
300
(1) For the corresponding kW/A or hp/A values of 1500 r.p.m., 50Hz or 1800 r.p.m., 60Hz, 3-phase motors, see "Motor Rated Operational Powers and Currents".
General Technical Data
Contactor types: A...
9
12
16
26
30
40
45
50
63
75
95
110
AL..., TAL...
9
12
16
26
30
40
–
–
–
–
–
–
AE..., TAE..., AF...
–
–
–
–
–
–
45
50
63
75
95
110
Rated insulation voltage U
i
according to IEC 60947-4-1
V
1000
according to UL/CSA
V
600
Rated impulse withstand voltage U
imp. kV
8
Standards
Devices complying with IEC 60947-1 / 60947-4-1 and EN 60947-1 / 60947-4-1
Air temperature
close to contactor
see "Conditions for use", for control voltage limits and authorized mounting positions
– fitted with thermal O/L relay
°C
-25 to +55
– without thermal O/L relay
°C
-40 to +70 (1)
– for storage
°C
-60 to +80
-40 to +70
Climatic withstand
acc. to IEC 60068-2-30 and 60068-2-11 - UTE C 63-100 specification II
acc. to IEC 68-2-30
Operating altitude
m
< 3000
Shock withstand
acc. IEC 60068-2-27 and EN 60068-2-27
Mounting position 1
1/2 sinusoidal shock for 11 ms: no change in contact position
A 9 ... A 40 contactors
AL 9 ... AL 40 contactors
A 45 ... A 110 and AF 45 ... AF 110 contactors
TAL 9 ... TAL 40 contactors
AE 45 ... AE 110 and TAE 45 ... TAE 110 contactors
Shock
Closed
Open
Closed
Open
Closed
Open
Note :
for A 95,
direction
position
position
position
position
position
position
AE 95, TAE 95, AF 95
A
20 g
20 g
20 g
10 g
20 g
20 g
A 110, AE110,
B1
10 g
5 g
15 g
5 g
10 g
5 g (2)
TAE110, AF 110
B2
15 g
15 g
10 g
10 g
15 g (3)
15 g (3)
contactors, these
C1
20 g
20 g
20 g
8 g
20 g
20 g
values are not valid
C2
20 g
20 g
14 g
8 g
20 g
20 g
for rail mounting.
(1) 55 °C max. for TAL... and TAE... contactors
(2) 3 g for AF 45-22, AE 45-22, AF 75-22 and AE 75-22
(3) 10 g for AF 45-22, AE 45-22, AF 75-22 and AE 75-22
A... and AF... Contactors
AL..., TAL... and AE..., TAE... Contactors
Technical Data
>> Motor Rated Powers and Currents ....... page 0/0
>> Certification - Approvals ........................ section 7
>> Mounting Positions ............................... page 2/72
>> Motor Protection .................................... section 5
>> Conditions for Use ................................ page 2/72
>> Dimensions ............................................. section 9
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 9 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com