Electronic Components Datasheet Search
  English  ▼

X  

AC-3 Datasheet(PDF) 5 Page - ABB

Part # AC-3
Description  3--polle Conttacttorrss
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

AC-3 Datasheet(HTML) 5 Page - ABB

  AC-3 Datasheet HTML 1Page - ABB AC-3 Datasheet HTML 2Page - ABB AC-3 Datasheet HTML 3Page - ABB AC-3 Datasheet HTML 4Page - ABB AC-3 Datasheet HTML 5Page - ABB AC-3 Datasheet HTML 6Page - ABB AC-3 Datasheet HTML 7Page - ABB AC-3 Datasheet HTML 8Page - ABB AC-3 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
2
Low Voltage Products
2
/7
1SBC100122C0202
A 9-30-10
A 26-30-10
A 50-30-00
A 95-30-00
Ordering Details
IEC
UL/CSA
Auxiliary
Type
Order code
Weight
contacts
kg
Rated
Rated
3-Phase General
fitted
power
current
motor
use
1st stack 2nd stack
400 V
θ < 40°C
rating
rating
AC-3 AC-1
480 V
600 V
state coil voltage
state coil voltage code
Packing
kW
A
hp
A
(see table below)
(see table below)
1 piece
1–
––
A 9-30-10
1SBL 141 001 R
10
0.340
425
5
21
–1
––
A 9-30-01
1SBL 141 001 R
01
0.340
––
22
A 9-30-22
1SBL 141 001 R
22
0.400
1–
22
A 9-30-32
1SBL 141 001 R
32
0.400
1–
––
A 12-30-10
1SBL 161 001 R
10
0.340
5.5
27
7.5
25
–1
––
A 12-30-01
1SBL 161 001 R
01
0.340
––
22
A 12-30-22
1SBL 161 001 R
22
0.400
1–
22
A 12-30-32
1SBL 161 001 R
32
0.400
1–
––
A 16-30-10
1SBL 181 001 R
10
0.340
7.5
30
10
30
–1
––
A 16-30-01
1SBL 181 001 R
01
0.340
––
22
A 16-30-22
1SBL 181 001 R
22
0.400
1–
22
A 16-30-32
1SBL 181 001 R
32
0.400
1–
––
A 26-30-10
1SBL 241 001 R
10
0.600
11
45
20
40
– 1
– –
A 26-30-01
1SBL 241 001 R
01
0.600
1–
22
A 26-30-32
1SBL 241 001 R
32
0.660
1–
––
A 30-30-10
1SBL 281 001 R
10
0.710
15
55
25
50
– 1
– –
A 30-30-01
1SBL 281 001 R
01
0.710
1–
22
A 30-30-32
1SBL 281 001 R
32
0.770
1–
––
A 40-30-10
1SBL 321 001 R
10
0.710
18.5 60
30
60
– 1
– –
A 40-30-01
1SBL 321 001 R
01
0.710
1–
22
A 40-30-32
1SBL 321 001 R
32
0.770
––
––
A 50-30-00
1SBL 351 001 R
00
1.160
22
100
40
80
1 1
– –
A 50-30-11
1SBL 351 001 R
11
1.200
––
22
A 50-30-22
1SBL 351 001 R
22
1.230
––
––
A 63-30-00
1SBL 371 001 R
00
1.160
30
115
60
90
1 1
– –
A 63-30-11
1SBL 371 001 R
11
1.200
––
22
A 63-30-22
1SBL 371 001 R
22
1.230
––
––
A 75-30-00
1SBL 411 001 R
00
1.160
37
125
60
105
1 1
– –
A 75-30-11
1SBL 411 001 R
11
1.200
––
22
A 75-30-22
1SBL 411 001 R
22
1.230
––
––
A 95-30-00
1SFL 431 001 R
00
2.000
45
145
60
125
1 1
– –
A 95-30-11
1SFL 431 001 R
11
2.040
––
22
A 95-30-22
1SFL 431 001 R
22
2.070
––
––
A 110-30-00
1SFL 451 001 R
00
2.000
55
160
75
140
1 1
– –
A 110-30-11
1SFL 451 001 R
11
2.040
––
22
A 110-30-22
1SFL 451 001 R
22
2.070
Coil voltages and codes
Voltage
Voltage
Code
V - 50Hz
V - 60Hz
24
24
8 1
48
48
8 3
110
110 ... 120
8 4
220 ... 230
230 ... 240
8 0
230 ... 240
240 ... 260
8 8
380 ... 400
400 ... 415
8 5
400 ... 415
415 ... 440
8 6
Other voltages: page 0/1.
>> Accessory Fitting Details ........................................................................................................................................................... page 2/8
>> Thermal O/L Relays ............................................. page 2/9
>> General - Approvals ............................................. section 7
>> Auxiliary Contacts for Safety Circuits .............. page 2/63
>> Terminal Marking and Positioning ..................... section 8
>> Technical Data .................................................... page 2/64
>> Dimensions ........................................................... section 9
A 9 ... A 110 3-pole Contactors
a.c. Operated
Page extracted from eCatalogue: Contactors - Sales Engineer Version - Page 5 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com