| Electronic Components Datasheet Search |
|
MSC8103RM/D Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8103RM/D Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc |
|
40 / 104 page ![]() MSC8103 Network Digital Signal Processor, Rev. 11 1-36 Freescale Semiconductor Signals/Connections 1.7 JTAG Test Access Port Signals The MSC8103 supports the standard set of Test Access Port (TAP) signals defined by IEEE 1149.1 Standard Test Access Port and Boundary-Scan Architecture specification and described in Table 1-11. 1.8 Reserved Signals Table 1-11. JTAG Test Access Port Signals Signal Name Type Signal Description TCK Input Test Clock A test clock signal for synchronizing JTAG test logic. TDI Input Test Data Input A test data serial signal for test instructions and data. TDI is sampled on the rising edge of TCK and has an internal pull-up resistor. TDO Output Test Data Output A test data serial signal for test instructions and data. TDO can be tri-stated. The signal is actively driven in the shift-IR and shift-DR controller states and changes on the falling edge of TCK. TMS Input Test Mode Select Sequences the test controller’s state machine, is sampled on the rising edge of TCK, and has an internal pull-up resistor. TRST Input Test Reset Asynchronously initializes the test controller, has an internal pull-up resistor, and must be asserted after power up. Table 1-12. Reserved Signals Signal Name Type Signal Description TEST Input Test Used for manufacturing testing. You must connect this input to GND. THERM[1–2] — Leave disconnected. SPARE1, 5 — Spare Pins Leave disconnected for backward compatibility with future revisions of this device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |