| Electronic Components Datasheet Search |
|
MSC8103RM/D Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8103RM/D Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc |
|
20 / 104 page ![]() MSC8103 Network Digital Signal Processor, Rev. 11 1-16 Freescale Semiconductor Signals/Connections 1.6.1 Port A Signals Table 1-7. Port A Signals Name Dedicated I/O Data Direction Description General- Purpose I/O Peripheral Controller: Dedicated Signal Protocol PA31 FCC1: TXENB UTOPIA master FCC1: TXENB UTOPIA slave FCC1: COL MII Output Input Input FCC1: UTOPIA Master Transmit Enable Asserted by the MSC8103 (UTOPIA master PHY) when there is valid transmit cell data (TXD[0–7]). FCC1: UTOPIA Slave Transmit Enable Asserted by an external UTOPIA master PHY when there is valid transmit cell data (TXD[0–7]). FCC1: Media Independent Interface Collision Detect Asserted by an external fast Ethernet PHY when collision is detected. PA30 FCC1: TXCLAV UTOPIA slave FCC1: TXCLAV UTOPIA master, or FCC1: TXCLAV0 UTOPIA master, Multi-PHY, direct polling FCC1: RTS HDLC, Serial and Nibble FCC1: CRS MII Output Input Input Output Input FCC1: UTOPIA Slave Transmit Cell Available Asserted by the MSC8103 (UTOPIA slave PHY) when the MSC8103 can accept one complete ATM cell. FCC1: UTOPIA Master Transmit Cell Available Asserted by an external UTOPIA slave PHY to indicate that it can accept one complete ATM cell. FCC1: UTOPIA Master Transmit Cell Available Multi-PHY Direct Polling Asserted by an external UTOPIA slave PHY using direct polling to indicate that it can accept one complete ATM cell. FCC1: Request To Send In the standard modem interface signals supported by FCC1 (RTS, CTS, and CD). RTS is asynchronous with the data. RTS is typically used in conjunction with CD. The MSC8103 FCC1 transmitter requests the receiver to send data by asserting RTS low. The request is accepted when CTS is returned low. FCC1: Media Independent Interface Carrier Sense Asserted by an external fast Ethernet PHY to indicate activity on the cable. PA29 FCC1: TXSOC UTOPIA master FCC1: TX_ER MII Output Output FCC1: UTOPIA Transmit Start of Cell Asserted by the MSC8103 (UTOPIA master PHY) when TXD[0–7] contains the first valid byte of the cell. FCC1: Media Independent Interface Transmit Error Asserted by the MSC8103 to force propagation of transmit errors. PA28 FCC1: RXENB UTOPIA master FCC1: RXENB UTOPIA slave FCC1: TX_EN MII Output Input Output FCC1: UTOPIA Master Receive Enable Asserted by the MSC8103 (UTOPIA master PHY) to indicate that RXD[0–7] and RXSOC are to be sampled at the end of the next cycle. RXD[0–7] and RXSOC are enabled only in cycles following those with RXENB asserted. FCC1: UTOPIA Master Receive Enable Asserted by an external PHY to indicate that RXD[0–7] and RXSOC is to be sampled at the end of the next cycle. RXD[0–7] and RXSOC are enabled only in cycles following those with RXENB asserted. FCC1: Media Independent Interface Transmit Enable Asserted by the MSC8103 when transmitting data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |