Electronic Components Datasheet Search
  English  ▼

X  

MSC8103RM/D Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MSC8103RM/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103RM/D Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MSC8103RM/D Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
AC Timings
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-15
Table 2-16.
AC Timing for SIU Inputs
No.
Characteristic
Value2
Units
10
Hold time for all signals after the 50% level of the DLLIN rising edge
0.5
ns
11a
ABB/AACK set-up time before the 50% level of the DLLIN rising edge
3.5
ns
11b
DBG/DBB/BR/TC set-up time before the 50% level of the DLLIN rising edge
5.0
ns
11c
ARTRY set-up time before the 50% level of the DLLIN rising edge
4.0
ns
11d
TA set-up time before the 50% level of the DLLIN rising edge
•
Pipeline mode
•
Non-pipeline mode
3.5
4.0
ns
ns
11e
TEA set-up time before the 50% level of the DLLIN rising edge
•
Pipeline mode
•
Non-pipeline mode
4.0
3.0
ns
ns
11f
PSDVAL set-up time before the 50% level of the DLLIN rising edge
•
Pipeline mode
•
Non-pipeline mode
3.5
3.5
ns
ns
11g
TS set-up time before the 50% level of the DLLIN rising edge
5.0
ns
11h
BG set-up time before the 50% level of the DLLIN rising edge
4.5
ns
12
Data bus set-up time before the 50% level of the DLLIN rising edge in Normal
•
Pipeline mode
•
Non-pipeline mode
2.5
5.0
ns
ns
13
Data bus set-up time before the 50% level of the DLLIN rising edge in ECC and PARITY modes
•
Pipeline mode
•
Non-pipeline mode
2.5
8.0
ns
ns
14
DP set-up time before the 50% level of the DLLIN rising edge
•
Pipeline mode
•
Non-pipeline mode
4.0
9.0
ns
ns
15a
Address bus set-up time before the 50% level of the DLLIN rising edge
•
Extra cycle mode (SIUBCR[EXDD] = 0)
•
Non-extra cycle mode (SIUBCR[EXDD] = 1)
5.0
8.0
ns
ns
15b
Address attributes: TT/TBST/TSIZ/GBL set-up time before the 50% level of the DLLIN rising edge
•
Extra cycle mode (SIUBCR[EXDD] = 0)
•
Non-extra cycle mode (SIUBCR[EXDD] = 1)
5.0
5.5
ns
ns
161
PUPMWAIT/IRQ signals set-up time before the 50% level of the DLLIN rising edge
3.0
ns
Notes:
1.
The set-up time for these signals is for synchronous operation. Any set-up time can be used for asynchronous operation.
2.
Input specifications are measured from the 50% level of the rising edge of DLLIN to the 50% level of the signal. Timings are
measured at the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com