Electronic Components Datasheet Search
  English  ▼

X  

MSC8103RM/D Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MSC8103RM/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103RM/D Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MSC8103RM/D Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 65Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 66Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 67Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 68Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 69Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 70Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
3-1
Packaging
3
This chapter provides information about the MSC8103 package, including diagrams of the package pinouts and
tables showing how the signals discussed in Chapter 1 are allocated. The MSC8103 is available in a 332-pin
lidded flip chip-plastic ball grid array (FC-PBGA).
3.1 FC-PBGA Package Description
Figure 3-1 and Figure 3-2 show top and bottom views of the FC-PBGA package, including pinouts. Table 3-1 lists
the MSC8103 signals alphabetically by signal name. Connections with multiple names are listed individually by
each name. Signals with programmable polarity are shown both as signals which are asserted low (default) and
high (that is, NAME/NAME). Table 3-2 lists the signals numerically by pin number. Each pin number is listed once
with the various signals that are multiplexed to it. For simplicity, signals with programmable polarity are shown in
this table only with their default name (asserted low).
Note:
The package description in this chapter applies to packages with lead-bearing and lead-free spheres.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com