Electronic Components Datasheet Search
  English  ▼

X  

MSC8103RM/D Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # MSC8103RM/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103RM/D Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button MSC8103RM/D Datasheet HTML 88Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 89Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 90Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 91Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 92Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 93Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 94Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 95Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
3-26
Freescale Semiconductor
Packaging
J16
VDDH
J17
PSDAMUX / PGPL5
J18
PGTA / PUPMWAIT / PPBS / PGPL4
J19
PWE3 / PSDDQM3 / PBS3
K1
PA28 / FCC1:UTOPIA8:RXENB / FCC1:MII:TX_EN
K2
PD29 / FCC1:UTOPIA8:RXADDR3 / FCC1:UTOPIA8:RXCLAV2 /
SCC1:RTS/TENA
K3
PC29 / SCC1:CTS / SCC1:CLSN / BRG3O / CLK3 / TIN2
K4
PB29 / FCC2:MII:TX_EN / TDMB2:L1RSYNC
K5
VDDH
K6
GND
K7
GND
K13
GND
K14
PWE2 / PSDDQM2 / PBS2
K15
GND
K16
VDDH
K17
PWE1 / PSDDQM1 / PBS1
K18
PWE0 / PSDDQM0 / PBS0
K19
CS2
L1
PA27 / FCC1:UTOPIA8:RXSOC / FCC1:MII:RX_DV
L2
PB28 / FCC2:RX_ER / FCC2:HDLC:RTS / SCC2:RTS/TENA / TDMB2:L1TSYNC
L3
PC28 / SCC2:CTS/CLSN / BRG4O / CLK4 / TIN1/TOUT2
L4
VDD
L5
GND
L6
GND
L7
PC27 / CLK5 / BRG5O / TGATE2
L13
CS6
L14
GND
L15
GND
L16
VDD
L17
CS1
L18
CS3
L19
BCTL1
M1
PB27 / FCC2:MII:COL / TDMC2:L1TXD
M2
PC26 / TMCLK / BRG6O / CLK6 / TOUT3
M3
PB26 / FCC2:MII:CRS / TDMC2:L1RXD
M4
VDDH
M5
GND
M6
PA26 / FCC1:UTOPIA8:RXCLAV / FCC1:UTOPIA8:RXCLAV0 /
FCC1:MII:RX_ER
Table 3-2.
MSC8103 Signal Listing by Pin Designator (Continued)
Number
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com