Electronic Components Datasheet Search
  English  ▼

X  

MSC8103RM/D Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MSC8103RM/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103RM/D Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MSC8103RM/D Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
1-1
Signals/Connections
1
The MSC8103 external signals are organized into functional groups, as shown in Table 1-1, Figure 1-1, and
Figure 1-2. Table 1-1 lists the functional groups, states the number of signal connections in each group, and
references the table that gives details on multiplexed signals within each group. Figure 1-1 shows MSC8103
external signals organized by function. Figure 1-2 indicates how the parallel input/output (I/O) ports signals are
multiplexed. Because the parallel I/O design supported by the MSC8103 communications processor module
(CPM) is a subset of the parallel I/O signals supported by the MPC8260 device, port pins are not numbered
sequentially.
Table 1-1.
MSC8103
Functional Signal Groupings
Functional Group
Number of Signal
Connections
Detailed Description
Power (VCC, VDD, and GND)
80
Table 1-2 on page 1-4
Clock
6
Table 1-3 on page 1-4
Reset, configuration, and EOnCE
11
Table 1-4 on page 1-5
System bus, HDI16, and interrupts
133
Table 1-5 on page 1-7
Memory controller
27
Table 1-6 on page 1-13
CPM input/output parallel ports
Port A
26
Table 1-7 on page 1-16
Port B
14
Table 1-8 on page 1-21
Port C
18
Table 1-9 on page 1-24
Port D
8
Table 1-10 on page 1-33
JTAG test access port (TAP)
5
Table 1-11 on page 1-36
Reserved (denotes connections that are always reserved)
5
Table 1-12 on page 1-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com