Electronic Components Datasheet Search
  English  ▼

X  

MSC8103RM/D Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MSC8103RM/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103RM/D Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MSC8103RM/D Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 104 page
background image
AC Timings
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
2-11
2.6.4.3 Host Reset Configuration
Host reset configuration allows the host to program the reset configuration word via the Host port after PORESET is
deasserted, as described in the MSC8103 Reference Manual. The MSC8103 samples the signals described in Table
2-13 one the rising edge of PORESET when the signal is deasserted.
If HPE is sampled high, the host port is enabled. In this mode the RSTCONF pin must be pulled up. The device
extends the internal PORESET until the host programs the reset configuration word register. The host must write
four 8-bit half-words to the Host Reset Configuration Register address to program the reset configuration word,
which is 32 bits wide. For more information, see the MSC8103 Reference Manual. The reset configuration word is
programmed before the internal PLL and DLL in the MSC8103 are locked. The host must program it after the
rising edge of the PORESET input. In this mode, the host must have its own clock that does not depend on the
MSC8103 clock. After the PLL and DLL are locked, HRESET remains asserted for another 512 bus clocks and is
then released. The SRESET is released three bus clocks later (see Figure 2-7).
4
Delay from SPLL lock to DLL lock
•
DLL enabled
— BCLK = 18 MHz
— BCLK = 75 MHz
•
DLL disabled
3073
/ BLCK
—
170.72
40.97
0.0
µs
µs
ns
5
Delay from SPLL lock to HRESET deassertion
•
DLL enabled
— BCLK = 18 MHz
— BCLK = 75 MHz
•
DLL disabled
— BCLK = 18 MHz
— BCLK = 75 MHz
3585
/ BLCK
512
/ BLCK
199.17
47.5
28.4
6.83
µs
µs
µs
µs
6
Delay from SPLL lock to SRESET deassertion
•
DLL enabled
— BCLK = 18 MHz
— BCLK = 75 MHz
•
DLL disabled
— BCLK = 18 MHz
— BCLK = 75 MHz
3588
/ BLCK
515
/ BLCK
199.33
47.84
28.61
6.87
µs
µs
µs
µs
Note:
Value given for lowest possible CLKIN frequency 18 MHz to ensure proper initialization of reset sequence.
Table 2-14.
Reset Timing (Continued)
No.
Characteristics
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com