Electronic Components Datasheet Search
  English  ▼

X  

MSC8103RM/D Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MSC8103RM/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103RM/D Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MSC8103RM/D Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
2-4
Freescale Semiconductor
Physical and Electrical Specifications
2.5 Clock Configuration
The following sections provide a general description of clock configuration.
2.5.1
Valid Clock Modes
Table 2-6 shows the maximum frequency values for each rated core frequency (275 or 300 MHz). The user must
ensure that maximum frequency values are not exceeded.
Six bit values map the MSC8103 clocks to one of the valid configuration mode options. Each option determines the
CLKIN
, SC140, system bus, SCC clock, CPM, and CLKOUT frequencies. The six bit values are derived from three
dedicated input pins (MODCK[1–3]) and three bits from the hard reset configuration word (MODCK_H). To
configure the SPLL pre-division factor, SPLL multiplication factor, and the frequencies for the SC140, SCC
clocks, CPM parallel I/O ports, and system buses, the MODCK[1–3] pins are sampled and combined with the
MODCK_H values when the internal power-on reset (internal PORESET) is deasserted. Clock configuration
changes only when the internal PORESET signal is deasserted. The following factors are configured:
• SPLL pre-division factor (SPLL PDF)
• SPLL multiplication factor (SPLL MF)
• Bus post-division factor (Bus DF)
• CPM division factor (CPM DF)
• Core division factor (Core DF)
• CPLL pre-division factor (CPLL PDF)
• CPLL multiplication factor (CPLL MF)
The SCC division factor (SCC DF) is fixed at 4. The BRG division factor (BRG DF) is configured through the
System Clock Control Register (SCCR) and can be 4, 16 (default after reset), 64, or 256.
Note:
Refer to Clock Mode Selection for MSC8101 and MSC8103 Mask Set 2K87M (AN2306) for details on
clock configuration.
2.5.2
Clocks Programming Model
This section describes the clock registers in detail. The registers discussed are as follows:
• System Clock Control Register (SCCR)
• System Clock Mode Register (SCMR)
Table 2-6.
Maximum Frequencies
Characteristic
Maximum Frequency in MHz
Core Frequency
275
300
CPM Frequency (CPMCLK)
183.33
200
Bus Frequency (BCLK)
91.67
100
Serial Communication Controller Clock Frequency (SCLK)
91.67
100
Baud Rate Generator Clock Frequency (BRGCLK)
91.67
100
External Clock Output Frequency (CLKOUT)
91.67
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com