Electronic Components Datasheet Search
  English  ▼

X  

MSC8103RM/D Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MSC8103RM/D
Description  Network Digital Signal Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8103RM/D Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MSC8103RM/D Datasheet HTML 95Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 96Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 97Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 98Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 99Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 100Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 101Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 102Page - Freescale Semiconductor, Inc MSC8103RM/D Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 104 page
background image
MSC8103 Network Digital Signal Processor, Rev. 11
Freescale Semiconductor
4-1
Design Considerations
4
This chapter includes design and layout guidelines for manufacturing boards using the MSC8103.
4.1 Thermal Design Considerations
The average chip-junction temperature, TJ, in ° C can be obtained from the following:
TJ = TA + (PD • θJA)
Equation 1
where
TA = ambient temperature ° C
θ
JA = package thermal resistance, junction to ambient, ° C/W
PD = PINT + PI/O in W
PINT = IDD × VDD in W—chip internal power
PI/O = power dissipation on output pins in W—user determined
The user should set TA and PD such that TJ does not exceed the maximum operating conditions. In case TJ is too
high, the user should either lower the ambient temperature or the power dissipation of the chip.
4.2 Electrical Design Considerations
The input voltage must not exceed the I/O supply VDDH by more than 2.5 V at any time, including during power-on
reset. In turn, VDDH can exceed VDD/VCCSYN by more than 3.3 V during power-on reset, but for no more than 100 ms.
VDDH should not exceed VDD/VCCSYN by more than 2.1 V during normal operation. VDD/VCCSYN must not exceed VDDH
by more than 0.4 V at any time, including during power-on reset. Therefore the recommendation is to use
“bootstrap” diodes between the power rails, as shown in Figure 4-1.
Figure 4-1.
Bootstrap Diodes for Power-Up Sequencing
I/O Power
Core/PLL
Supply
MUR420
MUR420
MUR420
MUR420
3.3 V (VDDH)
1.6 V (VDD/VCCSYN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com