Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 163 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 163 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 159Page - Texas Instruments DAC39RF10 Datasheet HTML 160Page - Texas Instruments DAC39RF10 Datasheet HTML 161Page - Texas Instruments DAC39RF10 Datasheet HTML 162Page - Texas Instruments DAC39RF10 Datasheet HTML 163Page - Texas Instruments DAC39RF10 Datasheet HTML 164Page - Texas Instruments DAC39RF10 Datasheet HTML 165Page - Texas Instruments DAC39RF10 Datasheet HTML 166Page - Texas Instruments DAC39RF10 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 232 page
background image
8.44 ESVO Register (Offset = 01F3h) [reset = 00h]
ESVO is shown in Figure 8-45 and described in Table 8-47.
Return to the Register Summary Table.
Eye-Scan Voltage Offset
Figure 8-45. ESVO Register
7
6
5
4
3
2
1
0
RESERVED
ESVO
R/W-00b
R/W-00h
Table 8-47. ESVO Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
0h
5-0
ESVO
R/W
00h
Eye-scan voltage offset for all lanes. This adjusts the voltage
threshold of the eye-scan sampler. This is a signed value from -32
to +31. The step size is about 10mV (giving an adjustment range of
about -320mV to +310mV). This field is ignored for eye-scan modes
that adjust the voltage offset automatically and return a result on
ESVO_S[n].
Note: This register should only be changed when ESRUN=0.
8.45 ES_BIT_SELECT Register (Offset = 01F4h) [reset = 00h]
ES_BIT_SELECT is shown in Figure 8-46 and described in Table 8-48.
Return to the Register Summary Table.
Eye-Scan Bit Select.
Figure 8-46. ES_BIT_SELECT Register
7
6
5
4
3
2
1
0
RESERVED
ES_BIT_SELECT
R/W-000b
R/W-00h
Table 8-48. ES_BIT_SELECT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R/W
000b
4-0
ES_BIT_SELECT
R/W
00h
Eye-scan only runs on every 20th bit. This field specifies which bit
position the eye-scan runs on (valid range is 0 to 19). Eye-scans
may be run with all possible values of ES_BIT_SELECT and the
results combined. Alternatively, results can be kept separate to see
the effects of any duty cycle distortion / repetitive jitter.
Note: This register should only be changed when ESRUN=0.
8.46 ECOUNT_CLR Register (Offset = 01F5h) [reset = 00h]
ECOUNT_CLR is shown in Figure 8-47 and described in Table 8-49.
Return to the Register Summary Table.
SerDes Error Counter Clear
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
163
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com