Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 184 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 184 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 180Page - Texas Instruments DAC39RF10 Datasheet HTML 181Page - Texas Instruments DAC39RF10 Datasheet HTML 182Page - Texas Instruments DAC39RF10 Datasheet HTML 183Page - Texas Instruments DAC39RF10 Datasheet HTML 184Page - Texas Instruments DAC39RF10 Datasheet HTML 185Page - Texas Instruments DAC39RF10 Datasheet HTML 186Page - Texas Instruments DAC39RF10 Datasheet HTML 187Page - Texas Instruments DAC39RF10 Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 232 page
background image
8.84 PHASE_R0 Register (Offset = 03A0h) [reset = NA, read-only]
PHASE_R0 is described in Table 8-91.
Return to the Register Summary Table.
Readback for Phase Word for NCO0
Table 8-91. PHASE_R0 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
PHASE_R0
R/W
0h
This provides a readback of the PHASE setting that is currently in
used by the system for NCO0. The value is sampled as each byte is
read, so it may return incoherent data if the operating value changes
during readback.
8.85 PHASE_R1 Register (Offset = 03A2h) [reset = NA, read-only]
PHASE_R1 is described in Table 8-92.
Return to the Register Summary Table.
Readback for Phase Word for NCO1
Table 8-92. PHASE_R1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
PHASE_R1
R/W
NA
This provides a readback of the PHASE setting that is currently in
used by the system for NCO1. The value is sampled as each byte is
read, so it may return incoherent data if the operating value changes
during readback.
8.86 PHASE_R2 Register (Offset = 03A4h) [reset = NA, read-only]
PHASE_R2 is described in Table 8-93.
Return to the Register Summary Table.
Readback for Phase Word for NCO2
Table 8-93. PHASE_R2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
PHASE_R2
R/W
NA
This provides a readback of the PHASE setting that is currently in
used by the system for NCO2. The value is sampled as each byte is
read, so it may return incoherent data if the operating value changes
during readback.
8.87 PHASE_R3 Register (Offset = 03A6h) [reset = NA, read-only]
PHASE_R3 is described in Table 8-94.
Return to the Register Summary Table.
Readback for Phase Word for NCO3
Table 8-94. PHASE_R3 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
PHASE_R3
R/W
NA
This provides a readback of the PHASE setting that is currently in
used by the system for NCO3. The value is sampled as each byte is
read, so it may return incoherent data if the operating value changes
during readback.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
184
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com